Electronic Components Datasheet Search
  English  ▼

X  

LC75804 Datasheet(PDF) 25 Page - Sanyo Semicon Device

Part # LC75804
Description  1/3, 1/4 Duty LCD Display Drivers with Key Input Function
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75804 Datasheet(HTML) 25 Page - Sanyo Semicon Device

Back Button LC75804 Datasheet HTML 21Page - Sanyo Semicon Device LC75804 Datasheet HTML 22Page - Sanyo Semicon Device LC75804 Datasheet HTML 23Page - Sanyo Semicon Device LC75804 Datasheet HTML 24Page - Sanyo Semicon Device LC75804 Datasheet HTML 25Page - Sanyo Semicon Device LC75804 Datasheet HTML 26Page - Sanyo Semicon Device LC75804 Datasheet HTML 27Page - Sanyo Semicon Device LC75804 Datasheet HTML 28Page - Sanyo Semicon Device LC75804 Datasheet HTML 29Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
No. 6266-25/37
LC75804E, LC75804W
(2) Reset when the logic block power supply voltage is in the allowable operating range (VDD = 4.5 to 6.0V)
The system is reset when the RES pin is set low, and the reset is cleared by setting RES pin high.
2. LC75804E/W internal block states during the reset period
• CLOCK GENERATOR
Reset is applied and the base clock is stopped. However, the OSC pin state (normal or sleep mode) is determined
after the S0 and S1 control data bits are transferred.
• COMMON DRIVER, SEGMENT DRIVER & LATCH
Reset is applied and the display is turned off. However, display data can be input to the latch circuit in this state.
• KEY SCAN
Reset is applied, the circuit is set to the initial state, and at the same time the key scan operation is disabled.
• KEY BUFFER
Reset is applied and all the key data is set to low.
• CCB INTERFACE, CONTROL REGISTER, SHIFT REGISTER
Since serial data transfer is possible, these circuits are not reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com