Electronic Components Datasheet Search
  English  ▼

X  

HT1670 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1670
Description  128x32 LCD Controller for I/O MCU
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1670 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1670 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Pad Description
Pad No.
Pad Name
I/O
Description
1~42
96~181
SEG86~SEG127
SEG0~SEG85
O
LCD segment outputs
43~58
80~95
COM31~COM16
COM0~COM15
O
LCD common outputs, under 144
´16 command mode, COM16~COM31 will
share to SEG128~SEG143. COM31/SEG128, COM30/SEG129, COM29/
SEG130....., COM18/SEG141, COM17/SEG142, COM16/SEG143
59
CS
I
Chip selection input with pull-high resistor. When the CS is logic high, the
data and command read from or write to the HT1670 are disabled. The serial
interface circuit is also reset. But if the CS is at a logic low level and is input to
the CS pad, the data and command transmission between the host controller
and the HT1670 are all enabled.
60
RD
I
READ clock input with pull-high resistor. Data in the RAM of the HT1670 are
clocked out on the falling edge of the RD signal. The clocked out data will ap-
pear on the data line. The host controller can use the next rising edge to latch
the clocked out data.
61
WR
I
WRITE clock input with pull-high resistor. Data on the DATA line are latched
into the HT1670 on the rising edge of the WR signal.
62~65
DB0~DB3
I/O
Parallel data input/output with a pull-high resistor
66
VSS
¾ Negative power supply for logic circuit, ground
67
68
OSCI
OSCO
I
O
The OSCI and OSCO pads are connected to a 32.768kHz crystal in order to
generate a system clock. If the system clock comes from an external clock
source, the external clock source should be connected to the OSCI pad. But
if an on-chip RC oscillator is selected, the OSCI and OSCO pads can be left
open.
69
VDD
¾ Positive power supply for logic circuit
70, 79
VLCD
I
Power supply for LCD driver circuit
71
IRQ
O
Time base or Watchdog Timer overflow flag, NMOS open drain output.
72, 73
BZ, BZ
O
2kHz or 4kHz frequency output pair (tristate output buffer)
74~78
T1~T4, T000
I
Vary bias current pin
It is usually not connected
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+5.5V
Storage Temperature ............................
-50°Cto125°C
Input Voltage.............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-25°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT1670
Rev. 1.60
5
November 9, 2010
PATENTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com