Electronic Components Datasheet Search
  English  ▼

X  

HT1670 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT1670
Description  128x32 LCD Controller for I/O MCU
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1670 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT1670 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 18Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Command Mode (Command ID Code:100)
Note:
²X² stands for don¢t care
Application Circuits
Host Controller With an HT1670 Display System
*Note: The connection of IRQ and RD pin can be selected depending on the MCU.
Adjust VR to fit LCD display
Adjust R (external pull-high resistance) to fit user
¢s time base clock.
It is recommended that the internal equivalent capacitance between SEG and COM of LCD panel should be
lower than 10pF. (LCR meter test condition: frequency in 1kHz)
HT1670
Rev. 1.60
15
November 9, 2010
PATENTED
R D
D B 3
C S
X
X
C 7
C 3
D B 2
1
1
C 6
C 2
X
D B 1
D B 0
0
0
C 5
C 1
X
0
0
( S i n g l e c o m m a n d )
C 4
C 0
X
( S u c c e s s i v e c o m m a n d )
W R
C 7
C 3
C 6
C 2
C 5
C 1
C 4
C 0
X
X
X
X
X
X
X
X
C 7
C 3
C 6
C 2
C 5
C 1
C 4
C 0
X
X
X
X
X
X
X
X
C 7
C 3
C 6
C 2
C 5
C 1
C 4
C 0
X
X
X
X
X
X
X
X
C 7
C 3
C 6
C 2
C 5
C 1
C 4
C 0
X
X
X
X
X
X
X
X
C 7
C 3
C 6
C 2
C 5
C 1
C 4
C 0
X
X
X
X
X
I R Q
D B 0 ~ D B 3
*
O n - c h i p O S C
O S C I
O S C O
C l o c k O u t
E x t e r n a l C l o c k 1 ( 3 2 k H z )
E x t e r n a l C l o c k 2 ( 3 2 k H z )
C S
R D
W R
H T 1 6 7 0
* L C D P a n e l
B Z
B Z
C O M 0 ~ C O M 3 1
S E G 0 ~ S E G 1 2 7
R*
V R
*
V L C D
P i e z o
M C U
M a x .
7 V
C r y s t a l
3 2 7 6 8 H z
* 1 / 6 B i a s o r 1 / 5 B i a s ,
1 / 3 2 D u t y o r 1 / 1 6 D u t y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com