Electronic Components Datasheet Search
  English  ▼

X  

HT1670 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT1670
Description  128x32 LCD Controller for I/O MCU
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1670 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT1670 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.7
¾
5.2
V
IDD1
Operating Current
3V
No load/LCD ON
On-chip RC oscillator
¾
150
250
mA
5V
¾
250
370
mA
IDD2
Operating Current
3V
No load/LCD ON
Crystal oscillator
¾
135
200
mA
5V
¾
200
300
mA
IDD11
Operating Current
3V
No load/LCD OFF
On-chip RC oscillator
¾
15
30
mA
5V
¾
50
70
mA
IDD22
Operating Current
3V
No load/LCD OFF
Crystal oscillator
¾
210
mA
5V
¾
310
mA
ISTB
Standby Current
3V
No load, Power down mode
¾¾
1
mA
5V
¾¾
2
mA
VIL
Input Low Voltage
3V
DB0~DB3, WR,CS,RD
0
¾
0.6
V
5V
0
¾
1.0
V
VIH
Input High Voltage
3V
DB0~DB3, WR,CS,RD
2.4
¾
3V
5V
4.0
¾
5V
IOL1
BZ, BZ, IRQ Sink Current
3V
VOL=0.3V
1.2
2.5
¾
mA
5V
VOL=0.5V
36
¾
mA
IOH1
BZ, BZ Source Current
3V
VOH=2.7V
-0.9
-1.8
¾
mA
5V
VOH=4.5V
-2
-4
¾
mA
IOL2
DB0~DB3 Sink Current
3V
VOL=0.3V
1.2
2.5
¾
mA
5V
VOL=0.5V
36
¾
mA
IOH2
DB0~DB3 Source Current
3V
VOH=2.7V
-0.9
-1.8
¾
mA
5V
VOH=4.5V
-2
-4
¾
mA
IOL3
LCD Common Sink Current
3V
VOL=0.3V
80
160
¾mA
5V
VOL=0.5V
180
360
¾mA
IOH3
LCD Common Source Current
3V
VOH=2.7V
-40
-80
¾mA
5V
VOH=4.5V
-90
-180
¾mA
IOL4
LCD Segment Sink Current
3V
VOL=0.3V
50
100
¾mA
5V
VOL=0.5V
120
240
¾mA
IOH4
LCD Segment Source Current
3V
VOH=2.7V
-30
-60
¾mA
5V
VOH=4.5V
-70
-140
¾mA
RPH
Pull-high Resistor
3V
DB0~DB3, WR,CS,RD
150
250
410
k
W
5V
60
125
210
k
W
HT1670
Rev. 1.60
6
November 9, 2010
PATENTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com