| Electronic Components Datasheet Search |
|
HT1670 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT1670 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 20 page ![]() Block Diagram Pin Assignment HT1670 Rev. 1.60 2 November 9, 2010 PATENTED W a t c h d o g T i m e r & T i m e B a s e G e n e r a t o r D i s p l a y R A M L C D D r i v e r / B i a s C i r c u i t C o n t r o l & T i m i n g C i r c u i t W R O S C I C S R D C O M 0 C O M 3 1 S E G 0 S E G 1 2 7 T o n e F r e q u e n c y G e n e r a t o r B Z B Z I R Q V S S V D D V L C D O S C O D B 0 D B 3 N o t e : C S : C h i p s e l e c t i o n B Z , B Z : T o n e o u t p u t s W R , R D : W R I T E c l o c k , R E A D c l o c k D B 0 ~ D B 3 : D a t a b u s C O M 0 ~ C O M 3 1 , S E G 0 ~ S E G 1 2 7 : L C D o u t p u t s I R Q : T i m e b a s e o r W D T o v e r f l o w o u t p u t 1 5 6 1 5 5 1 5 4 1 5 3 1 5 2 1 5 1 1 5 0 1 4 9 1 4 8 1 4 7 1 4 6 1 4 5 1 4 4 1 4 3 1 4 2 1 4 1 1 4 0 1 3 9 1 3 8 1 3 7 1 3 6 1 3 5 1 3 4 1 3 3 1 3 2 1 3 1 1 3 0 1 2 9 1 2 8 1 2 7 1 2 6 1 2 5 1 2 4 1 2 3 1 2 2 1 2 1 1 2 0 1 1 9 1 1 8 1 1 7 1 1 6 1 1 5 1 1 4 1 1 3 1 1 2 1 1 1 1 1 0 1 0 9 1 0 8 1 0 7 1 0 6 1 0 5 2 0 8 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 3 7 3 8 3 9 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 4 8 4 9 5 0 5 1 5 2 5 3 2 0 7 2 0 6 2 0 5 2 0 4 2 0 3 2 0 2 2 0 1 2 0 0 1 9 9 1 9 8 1 9 7 1 9 6 1 9 5 1 9 4 1 9 3 1 9 2 1 9 1 1 9 0 1 8 9 1 8 8 1 8 7 1 8 6 1 8 5 1 8 4 1 8 3 1 8 2 1 8 1 1 8 0 1 7 9 1 7 8 1 7 7 1 7 6 1 7 5 1 7 4 1 7 3 1 7 2 1 7 1 1 7 0 1 6 9 1 6 8 1 6 7 1 6 6 1 6 5 1 6 4 1 6 3 1 6 2 1 6 1 1 6 0 1 5 9 1 5 8 1 5 7 H T 1 6 7 0 2 0 8 Q F P - A 5 4 5 5 5 6 5 7 5 8 5 9 6 0 6 1 6 2 6 3 6 4 6 5 6 6 6 7 6 8 6 9 7 0 7 1 7 2 7 3 7 4 7 5 7 6 7 7 7 8 7 9 8 0 8 1 8 2 8 3 8 4 8 5 8 6 8 7 8 8 8 9 9 0 9 1 9 2 9 3 9 4 9 5 9 6 9 7 9 8 9 9 1 0 0 1 0 1 1 0 2 1 0 3 1 0 4 C O M 2 2 C O M 2 1 C O M 2 0 C O M 1 9 C O M 1 8 C O M 1 7 C O M 1 6 N C N C N C N C N C N C N C N C N C C S R D W R D B 0 D B 1 D B 2 D B 3 V S S O S C I O S C O V D D V L C D I R Q B Z B Z T 1 T 2 T 3 T 4 T 0 0 0 V L C D N C N C N C N C N C N C N C N C C O M 0 C O M 1 C O M 2 C O M 3 C O M 4 C O M 5 C O M 6 S E G 8 4 S E G 8 3 S E G 8 2 S E G 8 1 S E G 8 0 S E G 7 9 S E G 7 8 S E G 7 7 S E G 7 6 S E G 7 5 S E G 7 4 S E G 7 3 S E G 7 2 S E G 7 1 S E G 7 0 S E G 6 9 S E G 6 8 S E G 6 7 S E G 6 6 S E G 6 5 S E G 6 4 N C N C N C N C N C N C N C N C N C N C S E G 6 3 S E G 6 2 S E G 6 1 S E G 6 0 S E G 5 9 S E G 5 8 S E G 5 7 S E G 5 6 S E G 5 5 S E G 5 4 S E G 5 3 S E G 5 2 S E G 5 1 S E G 5 0 S E G 4 9 S E G 4 8 S E G 4 7 S E G 4 6 S E G 4 5 S E G 4 4 S E G 4 3 |