Electronic Components Datasheet Search
  English  ▼

X  

HT1670 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT1670
Description  128x32 LCD Controller for I/O MCU
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1670 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT1670 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 18Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 19Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 20Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Name
Command Code
D/C
Function
Def.
F8
X100-1010-0011-XXXX-XXXX
C
Time base clock output: 8Hz
The WDT time-out flag after: 1/2s
F16
X100-1010-0100-XXXX-XXXX
C
Time base clock output: 16Hz
The WDT time-out flag after: 1/4s
F32
X100-1010-0101-XXXX-XXXX
C
Time base clock output: 32Hz
The WDT time-out flag after: 1/8s
F64
X100-1010-0110-XXXX-XXXX
C
Time base clock output: 96Hz
The time-out flag after: 1/16s
F128
X100-1010-0111-XXXX-XXXX
C
Time base clock output: 128Hz
The WDT time-out flag after: 1/32s
Yes
TEST
X100-1111-1111-XXXX-XXXX
C
Test mode, user don
¢t use.
NORMAL
X100-1111-1110-XXXX-XXXX
C
Normal mode, 128
´32 mode will be set
Yes
Note:
²X² stands for don¢t care
A9~A0: RAM address
D3~D0: RAM data
D/C: Data/Command mode
Def.: Power-on reset default
All the bold forms, namely 11 0, 10 1, and 10 0, are mode commands. Of these, 10 0 indicates the command
mode ID. If successive commands have been issued, the command mode ID except for the first command will
be omitted. The tone frequency source and the time base/WDT clock frequency source can be derived from an
on-chip 32kHz RC oscillator, a 32.768kHz crystal oscillator, or an external 32kHz clock. Calculation of the fre-
quency is based on the system frequency sources as stated above. It is recommended that the host controller
should initialize the HT1670 after power-on reset, otherwise, power on reset may fail, which in turn leads to the
malfunctioning of the HT1670.
HT1670
Rev. 1.60
17
November 9, 2010
PATENTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com