Electronic Components Datasheet Search
  English  ▼

X  

LC89210 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC89210
Description  High-speed fax modem data pump
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89210 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC89210 Datasheet HTML 1Page - Sanyo Semicon Device LC89210 Datasheet HTML 2Page - Sanyo Semicon Device LC89210 Datasheet HTML 3Page - Sanyo Semicon Device LC89210 Datasheet HTML 4Page - Sanyo Semicon Device LC89210 Datasheet HTML 5Page - Sanyo Semicon Device LC89210 Datasheet HTML 6Page - Sanyo Semicon Device LC89210 Datasheet HTML 7Page - Sanyo Semicon Device LC89210 Datasheet HTML 8Page - Sanyo Semicon Device LC89210 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Overview
The LC89210 is a highly integrated modem engine that
can be used in products that support transmission rates up
to the 14,400 bps rate used in contemporary group III fax
equipment. The LC89210 is compatible with V.21, V.23
and Bell 103 full-duplex modems.
Features
• Supports the ITU-T V.17, V.29, and V.27ter fax
standards
• ITU-T V.23, V.21, and Bell 103
• V.17, V.29 (T104), and V.27ter short training
• V.33 half duplex
• 1800-Hz or 1700-Hz carrier
• The LC89210 is a complete data pump on a single chip.
• 5 V single-voltage power supply
— Operating power dissipation: 375 mW (typical)
— Low power mode: 5 mW (typical)
• Expanded operating modes
— Full implementation of V.17, V.33, V.29, and
V.27ter handshaking
— Autodial and autoanswer functions
— Programmable tone detection and FSK V.21 flag
pattern detection during high-speed reception
— Programmable call progresss and call waiting tone
detection, including DTMF
— Support for programmable CLASSTM detection
— Wide dynamic range (better than 48 dB)
— A-law voice PCM mode
• Multiple interfaces
— Parallel 64
×8-bit dual-port RAM
— Synchronous/HDLC parallel data processing
— Support for HDLC framing
— V.24 interface
— Can monitor all operating states in real time.
— Includes all diagnostic functions.
— Dual 8-bit D/A converter for eye pattern display
Package Dimensions
unit: mm
3213-PQFP64
CMOS LSI
52696HA (OT) No. 5382-1/10
Preliminaly
SANYO: PQFP64
[LC89210]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
High-speed fax modem data pump
LC89210
Ordering number : EN*5382


Similar Part No. - LC89210

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8920 SANYO-LC8920 Datasheet
192Kb / 8P
FAX Modem
LC89201 SANYO-LC89201 Datasheet
114Kb / 9P
9600-bps Facsimile Modem
More results

Similar Description - LC89210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
HIGH SPEED FAX MODEM DATA PUMP
Jun-1995
logo
Sanyo Semicon Device
LC8920 SANYO-LC8920 Datasheet
192Kb / 8P
FAX Modem
logo
List of Unclassifed Man...
XE3386L ETC-XE3386L Datasheet
58Kb / 16P
Compact 33,600 BPS Data and Fax Modem
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
RCV336DPI ETC1-RCV336DPI Datasheet
992Kb / 14P
V.34 Data V.17 Fax, Modem Data Pump
CH2056 ETC1-CH2056 Datasheet
365Kb / 19P
HIGH SPEED Modem and FAX FAMILY
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
Single Device Data/Fax Modem Data Pump
logo
CML Microcircuits
FX949 CMLMICRO-FX949 Datasheet
624Kb / 25P
CDPD Wireless Modem Data Pump
logo
Synaptics Incorporated.
FM336 CONEXANT-FM336 Datasheet
85Kb / 14P
High Performance Fax Modem Family
logo
PHOENIX CONTACT
100500 PHOENIX-100500 Datasheet
323Kb / 7P
PSI-DATA/FAX-MODEM/RS232
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com