Electronic Components Datasheet Search
  English  ▼

X  

LC89210 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC89210
Description  High-speed fax modem data pump
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89210 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC89210 Datasheet HTML 1Page - Sanyo Semicon Device LC89210 Datasheet HTML 2Page - Sanyo Semicon Device LC89210 Datasheet HTML 3Page - Sanyo Semicon Device LC89210 Datasheet HTML 4Page - Sanyo Semicon Device LC89210 Datasheet HTML 5Page - Sanyo Semicon Device LC89210 Datasheet HTML 6Page - Sanyo Semicon Device LC89210 Datasheet HTML 7Page - Sanyo Semicon Device LC89210 Datasheet HTML 8Page - Sanyo Semicon Device LC89210 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
No. 5382-4/10
LC89210
Analog Interface
V.24 Interface
Other Interfaces
Note: The LC89210 nominal external clock frequency is 29.4912 MHz. This value has a precision of ±5.10–5.
Boundary Scan Interface
The LC89210 provides 13 signals for testing. These signals can be used along with the SGS-Thomson ST18932
boundary scan development tools in the product development process to debug application hardware and software. If this
function is not used, all of these input signal must be connected to ground, and all of these output signals must be left
open.
Pin
Type
Function
TXA1
O
Transmission analog output 1
TXA2
O
Transmission analog output 2
RXA1
I
Reception analog input 1
RXA2
I
Reception analog input 2
VCM
I/O
Analog common voltage (nominal value: +2.5 V)
VREFN
I
Analog negative reference voltage (nominal value: CM – 1.25 V)
VREFP
I
Analog positive reference voltage (nominal value: CM + 1.25 V)
Pin
Type
Function
RTS
I
Transfer request. This is an active-low signal.
CLK
O
Data bit clock
CTS
O
Clear to send. This is an active-low signal.
RXD
O
Reception data
TXD
I
Transfer data
CD
O
Carrier detect. This is an active-low signal.
Pin
Type
Function
XTAL
O
Internal oscillator output
EXTAL
I
Internal oscillator input or external clock
EYEX
O
Constellation X analog coordinate (eye pattern)
EYEY
O
Constellation Y analog coordinate (eye pattern)
TEST1
This pin must be left open
TEST2
This pin must be left open
Pin
Type
Function
SCIN
I
Scan data input
SCCLK
I
Scan clock
SCOUT
O
Scan data output
BOS
I
Scan control start
EOS
I
Scan stop
MC0 to MC2
I
Mode control
HALT
I
LC89210 execution step
MC1
O
Multi-cycle instruction
RDYS
O
Scan flag ready
EBS
I
Enable boundary scan
CLKOUT
O
LC89210 internal clock (the crystal oscillator frequency divided by 2)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com