Electronic Components Datasheet Search
  English  ▼

X  

LC89210 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC89210
Description  High-speed fax modem data pump
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89210 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC89210 Datasheet HTML 2Page - Sanyo Semicon Device LC89210 Datasheet HTML 3Page - Sanyo Semicon Device LC89210 Datasheet HTML 4Page - Sanyo Semicon Device LC89210 Datasheet HTML 5Page - Sanyo Semicon Device LC89210 Datasheet HTML 6Page - Sanyo Semicon Device LC89210 Datasheet HTML 7Page - Sanyo Semicon Device LC89210 Datasheet HTML 8Page - Sanyo Semicon Device LC89210 Datasheet HTML 9Page - Sanyo Semicon Device LC89210 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
No. 5382-7/10
LC89210
Serial V.24 Interface Timing
Parameter
Number
Conditions
min
typ
max
Unit
TXD to CLK setup time
1
30
ns
TXD to CLK hold time
2
10
ns
RXD valid to CLK delay time
3
100
ns
RXD valid to CLK hold time
4
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com