Electronic Components Datasheet Search
  English  ▼

X  

LC89210 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC89210
Description  High-speed fax modem data pump
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89210 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC89210 Datasheet HTML 1Page - Sanyo Semicon Device LC89210 Datasheet HTML 2Page - Sanyo Semicon Device LC89210 Datasheet HTML 3Page - Sanyo Semicon Device LC89210 Datasheet HTML 4Page - Sanyo Semicon Device LC89210 Datasheet HTML 5Page - Sanyo Semicon Device LC89210 Datasheet HTML 6Page - Sanyo Semicon Device LC89210 Datasheet HTML 7Page - Sanyo Semicon Device LC89210 Datasheet HTML 8Page - Sanyo Semicon Device LC89210 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
No. 5382-2/10
LC89210
Specifications
Electrical Specifications at Ta = 25°C, VDD = 5 V (unless otherwise specified)
Absolute Maximum Ratings with respect to ground
Electrical Characteristics at Ta = 0 to +70°C, VDD = 5.0 V ± 5%, GND = 0 V (unless otherwise specified)
Parameter
Symbol
Conditions
Ratings
Unit
DC supply voltage
VDD
–0.3 to +7.0
V
Digital or analog input voltage
VI, VIN
–0.3 to (VDD + 0.3)
V
Digital or analog input current
II, IIN
±1
mA
Digital output current
IO
±20
mA
Analog output current
IOUT
±10
mA
Allowable power dissipation
Pd max
1000
mW
Operating temperature
Topr
0 to +70
°C
Storage temperature (plastic)
Tstg
–40 to +125
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
[Power Supply and Common-Mode Voltages]
Supply voltage
VDD
4.75
5
5.25
V
Current drain
IDD
75
100
mA
Current drain in lower power mode
IDD-ip
1
mA
Common-mode voltage
VCM
VDD/2 – 5%
VDD/2
VDD/2 + 5%
V
[Crystal Oscillator Interface] XTAL and EXTAL
Input low-level voltage
VIL
1.5
V
Input high-level voltage
VIH
3.5
V
Input low-level current
IL
GND < VI < VIL max
–15
µA
Input high-level current
IH
VIH min < VI < VDD
15
µA
[Digital Interface] All digital pins except the XTAL pin
Input low-level voltage
VIL
–0.3
+0.8
V
Input high-level voltage
VIH
2.2
V
Input current
II
VI = VDD or VI = GND
–10
0
+10
µA
Output high-level voltage
VOH
Ilord = 2 mA
2.4
V
Output low-level voltage
VOL
Ilord = 2 mA
0.4
V
3-state input leakage current
IOZ
GND < VO < VDD
–50
0
+50
µA
Input capacitance
CIN
5
pF
[Analog Interface]
Differential reference voltage input
VREF
VREFP – VREFN
2.40
2.50
2.60
V
Input common-mode offset
VCMOin
V = (RXA1 + RXA2)/2 – VCM
–300
+300
mV
Differential input voltage
VDIFin
RXA1 – RXA2
2
× VREF
Vp-p
Output common-mode
VCMOout
(TXA1 + TXA2)/2 – VCM
–200
+200
mV
voltage offset
Differential output voltage
VDIFout
TXA1 – TXA2
2
× VREF
Vp-p
Differential output DC offset
VOFFout
(TXA1 – TXA2)
–100
+100
mV
Input resistance
Rin
RXAX
100
k
Ω
Output resistance
Rout
TXAX
20
Ω
Load resistance
RL
TXAX
10
k
Ω
Load capacitance
CL
TXAX
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com