Electronic Components Datasheet Search
  English  ▼

X  

LC89210 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC89210
Description  High-speed fax modem data pump
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89210 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC89210 Datasheet HTML 2Page - Sanyo Semicon Device LC89210 Datasheet HTML 3Page - Sanyo Semicon Device LC89210 Datasheet HTML 4Page - Sanyo Semicon Device LC89210 Datasheet HTML 5Page - Sanyo Semicon Device LC89210 Datasheet HTML 6Page - Sanyo Semicon Device LC89210 Datasheet HTML 7Page - Sanyo Semicon Device LC89210 Datasheet HTML 8Page - Sanyo Semicon Device LC89210 Datasheet HTML 9Page - Sanyo Semicon Device LC89210 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
No. 5382-6/10
LC89210
AC Electrical Characteristics
Dual-Port RAM Host Timing
Note: * The minimum delay of 70 ns is the time from the rising edge of NWRITE to the next falling edge on either NREAD or NWRITE.
Parameter
Number
Conditions
min
typ
max
Unit
Address and control setup time
1
5
ns
SDTACK acknowledge
2
20
ns
Data setup time
3
10
ns
Address and control hold time
4
0
ns
Data hold time
5
5
ns
SDTACK hold time
6
0
ns
Write enable low state
7
45
ns
Access inhibition high state
8
70*
ns
Read enable low state
9
45
ns
Read data access
10
35
ns
SINTR clear delay
11
50
ns
Data valid to tristate
12
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com