Electronic Components Datasheet Search
  English  ▼

X  

CYONS2001 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYONS2001
Description  OvationONS??II Wireless Laser Navigation System-on-Chip
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS2001 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYONS2001 Datasheet HTML 1Page - Cypress Semiconductor CYONS2001 Datasheet HTML 2Page - Cypress Semiconductor CYONS2001 Datasheet HTML 3Page - Cypress Semiconductor CYONS2001 Datasheet HTML 4Page - Cypress Semiconductor CYONS2001 Datasheet HTML 5Page - Cypress Semiconductor CYONS2001 Datasheet HTML 6Page - Cypress Semiconductor CYONS2001 Datasheet HTML 7Page - Cypress Semiconductor CYONS2001 Datasheet HTML 8Page - Cypress Semiconductor CYONS2001 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
CYONS2001
Document Number: 001-44045 Rev. *G
Page 4 of 35
Figure 2. Block Diagram
SRAM
Interrupt
Controller
Sleep and
Watchdog
Multiple Clock Sources
32 kHz Internal Low Speed
Oscillator (ILO)
6/12/24 MHz Internal Main Oscillator (IMO)
PSoC CORE
CPU Core (M8C)
Supervisory ROM (SROM)
Flash
Nonvolatile Memory
SYSTEM RESOURCES
SYSTEM BUS
SYSTEM BUS
Port 2
Port 1
Port 0
Global Analog Interconnect
1.8V
Analog
Regulator
SPI
Master/
Slave
POR
and
LVD
Full
Speed
USB
System
Resets
Internal
Voltage
References
Three 16-Bit
Programmable
Timers
PSoC
Core
Regulator
Digital
Clocks
CapSense
System
OptiCheckTM
Navigation
System
Ovation II
Power
System
VCSEL
Laser
Control
DSP
Resolution
Control
Boost Regulator
3.3V Regulator
POWER BUS
Power Control
Battery
Filter
Port 3
NOTE: Shaded blocks indicate optional functions - Refer to OvationONS
TM II Family Performance Table for details
I2C
Slave
ADC
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com