Electronic Components Datasheet Search
  English  ▼

X  

CYONS2001 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYONS2001
Description  OvationONS??II Wireless Laser Navigation System-on-Chip
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS2001 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYONS2001 Datasheet HTML 1Page - Cypress Semiconductor CYONS2001 Datasheet HTML 2Page - Cypress Semiconductor CYONS2001 Datasheet HTML 3Page - Cypress Semiconductor CYONS2001 Datasheet HTML 4Page - Cypress Semiconductor CYONS2001 Datasheet HTML 5Page - Cypress Semiconductor CYONS2001 Datasheet HTML 6Page - Cypress Semiconductor CYONS2001 Datasheet HTML 7Page - Cypress Semiconductor CYONS2001 Datasheet HTML 8Page - Cypress Semiconductor CYONS2001 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
CYONS2001
Document Number: 001-44045 Rev. *G
Page 3 of 35
OvationONS II Family Performance Table
OvationONS II Family Applications
■ Wired and wireless laser mice
❐ Gaming, graphic design, desktop, and mobile mice
■ Optical trackballs
■ Battery powered devices
■ Motion sensing applications
OvationONS II Family Functional Description
The OvationONS II family is a two-piece laser navigation SoC kit
containing the integrated IC package and the molded lens.
The 2-kV ESD-rated IC package integrates the VCSEL and laser
sensor SoC. Depending on the product selected, the SoC
includes an MCU, flash, SRAM, two internal oscillators,
CapSense system, battery boost regulator, power regulator, and
full-speed USB.
The molded lens collimates the VCSEL beam and images the
light scattered from the tracking surface onto the sensor portion
of the laser detector. The lens has features for registration to the
package and easily snaps on to the PC board.
At the heart of the system is the OptiCheck laser navigation
engine. It supports all functions required for tracking, including
laser power control, resolution control, and self-adjusting power
reduction, which reduces power consumption when motion
stops. The laser output power is pre-calibrated to meet the eye
safety requirements of IEC 60825 Class 1.
The navigation engine is accessed and controlled by an
integrated PSoC-based MCU. The interface between the two
blocks is through a system bus and a collection of navigation
engine interrupts. Full details are available in the OvationONS II
Laser Navigation System-on-Chip TRM (Technical Reference
Manual) or in the PSoC Designer integrated development
environment (IDE) software.
In addition to controlling the navigation engine, the PSoC MCU
also serves as the main application processor. Based on
Cypress’s M8C architecture, the PSoC supports a rich
instruction set, multiple processor speeds, and flexible GPIOs.
Its IMO requires no external crystal. On-chip flash and RAM
allow entire navigation systems to be implemented with the
single SoC.
The OvationONS II family supports a wide range of powering
options. Internal regulators minimize the need for external
circuitry. Depending on the product selected, the device can be
powered from a USB 5-V supply, from a single battery, from dual
batteries, or from an external supply. The configuration and use
of the power blocks are controlled with the integrated PSoC.
Wired sensors include integrated full-speed USB. As with the
navigation engine and power system, the USB block is controlled
by the integrated PSoC.
All sensors support a 4-wire SPI interface. A typical use of the
SPI interface is to provide access to a radio for wireless
applications. An I2C interface is also included with all devices.
The CYONS2110 device also supports CapSense functions,
allowing additional features and differentiation in end products.
All features of the OvationONS II family are configured using
Cypress’s PSoC Designer™ software, allowing fast application
development and time to market.
The OvationONS II family block diagram is shown on Figure 2 on
page 4. It shows a true SoC solution that enables design cycle
reductions along with savings on manufacturing, PCB area, and
component inventory management. The packaged solution
delivers a fully integrated system that demonstrates tracking
performance with efficient power consumption.
Parameter
CYONS2000
CYONS2001
CYONS2100
CYONS2101
CYONS2110
Unit
Variable resolution
400, 800, 1600 400, 800, 1600
400–3200
400–3200
400–3200
CPI
Maximum speed
30
30
75
75
75
in/s
Maximum acceleration
20
20
30
30
30
g
Integrated MCU
Yes
Yes
Yes
Yes
Yes
–
CapSense®
No
No
No
No
26 inputs
–
Flash
16
16
32
32
32
KB
SRAM
2
2
2
2
2
KB
Interfaces
Full-speed USB
4-wire SPI
up to 28 GPIOs
4-wire SPI
up to 28 GPIOs
Full-speed USB
4-wire SPI
up to 28 GPIO
4-wire SPI
up to 28 GPIOs
Full-speed USB
4-wire SPI
up to 28 GPIOs
–
Battery supply voltage
NA
0.8 to 3.6
NA
0.8 to 3.6
0.8 to 3.6
V
USB supply voltage
4.25 to 5.25
NA
4.25 to 5.25
NA
4.25 to 5.25
V
External supply voltage
2.7 to 3.6
2.7 to 3.6
2.7 to 3.6
2.7 to 3.6
2.7 to 3.6
V
Zero motion
1
1
1
1
1
Count
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com