Electronic Components Datasheet Search
  English  ▼

X  

CYONS2001 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYONS2001
Description  OvationONS??II Wireless Laser Navigation System-on-Chip
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS2001 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYONS2001 Datasheet HTML 3Page - Cypress Semiconductor CYONS2001 Datasheet HTML 4Page - Cypress Semiconductor CYONS2001 Datasheet HTML 5Page - Cypress Semiconductor CYONS2001 Datasheet HTML 6Page - Cypress Semiconductor CYONS2001 Datasheet HTML 7Page - Cypress Semiconductor CYONS2001 Datasheet HTML 8Page - Cypress Semiconductor CYONS2001 Datasheet HTML 9Page - Cypress Semiconductor CYONS2001 Datasheet HTML 10Page - Cypress Semiconductor CYONS2001 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
CYONS2001
Document Number: 001-44045 Rev. *G
Page 7 of 35
Figure 3. Pin Diagram
Microcontroller System
Features
■ Powerful Harvard-architecture processor
❐ M8C processor speed up to 24 MHz
❐ Low power at high speed
❐ Interrupt controller
❐ Operating temperature range: +5 °C to +45 °C
■ Flexible on-chip memory
❐ 16 k flash program storage
50,000 erase and write cycles
❐ 2 KB SRAM data storage
❐ Partial flash updates
❐ Flexible protection modes
❐ In-system serial programming (ISSP)
■ Complete development tools
❐ Free development tool (PSoC Designer™)
❐ Full featured in-circuit emulator (ICE) and programmer
❐ Full speed emulation
❐ Complex breakpoint structure
❐ 128 K trace memory
■ Precision programmable clocking
❐ Internal ±5.0% 6/12/24-MHz main oscillator
❐ Internal 32-kHz low speed oscillator
❐ Support for optional external 32-kHz crystal
■ Programmable pin configurations
❐ 25-mA sink current on all GPIOs
❐ Pull-up, high-Z, open drain, or strong drive modes on all
GPIOs
❐ Up to 28 analog inputs on GPIO
❐ Configurable inputs on all GPIOs
❐ Selectable, regulated digital I/O on port 1
• 3.3-, 2.5-, or 1.8-V output
❐ 3.0 V, 20 mA total port 1 source current
❐ 5-mA source current mode on ports 0 and 1
❐ Hot swap capable
■ Versatile analog mux
❐ Common internal analog bus
❐ Simultaneous connection of I/O combinations
❐ High power supply rejection ratio (PSRR) comparator
❐ Low dropout voltage regulator for the analog array
■ Additional system resources
❐ SPI master and SPI slave
• Clock speed up to 12 MHz
❐ Three 16-bit timers
❐ Watchdog and sleep timers
❐ Internal voltage reference
❐ Integrated supervisory circuit
❐ Analog-to-digital converter (ADC)
❐ I2C slave
CYONS2001
QFN
(Top View)
31
30
29
28
27
26
25
XRES
23
24
1
2
3
4
5
6
7
8
9
BOOST_GND
BOOST_IND
VBATT
DVDD
VREGD
AVDD
VREGA
AI, P2[7]
AI, OCDO, P3[1]
OCDE
AVSS
AI, P2[1]
AI, P2[0]
AI, EXT CLK, P1[4]
AI, P2[4]
DVSS
AI, P2[6]
32
AI, P0[0]
33
AI, P0[2]
34
AI, P0[4]
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com