Electronic Components Datasheet Search
  English  ▼

X  

CYONS2001 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYONS2001
Description  OvationONS??II Wireless Laser Navigation System-on-Chip
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS2001 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYONS2001 Datasheet HTML 7Page - Cypress Semiconductor CYONS2001 Datasheet HTML 8Page - Cypress Semiconductor CYONS2001 Datasheet HTML 9Page - Cypress Semiconductor CYONS2001 Datasheet HTML 10Page - Cypress Semiconductor CYONS2001 Datasheet HTML 11Page - Cypress Semiconductor CYONS2001 Datasheet HTML 12Page - Cypress Semiconductor CYONS2001 Datasheet HTML 13Page - Cypress Semiconductor CYONS2001 Datasheet HTML 14Page - Cypress Semiconductor CYONS2001 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
CYONS2001
Document Number: 001-44045 Rev. *G
Page 11 of 35
Power Supply Connections
Figure 4. Power Connections
Overview
The CYONS2001 incorporates a powerful and flexible powering
system. It can be powered from one of two sources: a battery
(one cell or two cells in series) or an external 3.3-V supply.
Additionally, the CYONS2001’s internal regulators can supply
current to external devices. This section describes the
capabilities and usage of the power system. Refer to Figure 4 for
a block diagram of the CYONS2001’s power system.
Understanding DVDD
DVDD is a unique pin that can serve as either an input or an
output. When the device is powered from a battery (using the
boost regulator), DVDD acts as an output, providing a 3.3-V
voltage that can be used to power AVDD, VREGD, VREGA, and
external parts. When the device is powered from an external
3.3-V supply, DVDD acts as an input only.
AVDD, VREGA, and VREGD
As with DVDD, these signals power the internal circuitry of the
device. Unlike DVDD, these are always inputs. They should be
connected as shown in Figure 4.
Using Battery Power
For wireless applications, the device may be powered by the
boost regulator. In this configuration, BOOST_GND should be
connected to DVSS, BOOST_IND, and VBATT pins should be
connected as shown in Figure 4. Do not run the device without
the appropriate bypass capacitors, or excessive voltage may be
generated across the inductor.
VBATT connects to an internal low pass filter. The filter output
can be routed through the global analog interconnect to the
device’s ADC, enabling the battery voltage to be monitored.
For designs using two series batteries, an option is to drive
VREGA directly from the battery output. Doing so reduces the
conversion loss in the boost regulator. However, care must be
taken to ensure that the battery voltage does not fall below
1.71 V.
Using External Power
The CYONS2001 can also be powered from an external source.
In this case, BOOST_GND should be connected to DVSS,
VDD5V, and BOOST_IND should be left unconnected, and the
external 3.3-V source should connect to DVDD. VBATT can be
connected to DVSS or left unconnected.
Filtering and Grounding
For all designs, it is important to provide proper grounding and
proper isolation between the analog and digital power supplies.
The analog and digital grounds should be isolated, except for a
single connection point that is placed very close to the device.
On the supply side, a L-C filter should be placed between AVDD
and DVDD, as shown in Figure 4.
1.8V Analog
Circuitry
3V Analog
Circuitry
1.8V Digital
Circuitry
3V Digital
Circuitry
1.8V Analog
Regulator
1.8V PSoC
Core
Regulator
8
VREGA
VREGD
6
7
AVDD
5
DVDD
Boost
Regulator
Battery
Filter
4
VBATT
47 uH
3
BOOST_IND
Global
Analog
Interconnect
Battery
0.8 - 3.6V
22
uF
22
uF
10 nH
External 3.3V
Supply, 15
mA max
Digital
GND
Digital
GND
Digital
GND
Digital
GND
Analog
GND
Analog
GND
Analog
GND
CYONS2001
22
uF
Digital
GND
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com