Electronic Components Datasheet Search
  English  ▼

X  

CYONS2001 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CYONS2001
Description  OvationONS??II Wireless Laser Navigation System-on-Chip
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS2001 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CYONS2001 Datasheet HTML 24Page - Cypress Semiconductor CYONS2001 Datasheet HTML 25Page - Cypress Semiconductor CYONS2001 Datasheet HTML 26Page - Cypress Semiconductor CYONS2001 Datasheet HTML 27Page - Cypress Semiconductor CYONS2001 Datasheet HTML 28Page - Cypress Semiconductor CYONS2001 Datasheet HTML 29Page - Cypress Semiconductor CYONS2001 Datasheet HTML 30Page - Cypress Semiconductor CYONS2001 Datasheet HTML 31Page - Cypress Semiconductor CYONS2001 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
CYONS2001
Document Number: 001-44045 Rev. *G
Page 28 of 35
Laser Safety Considerations
The
CYONS2001
Laser
Navigation
SoC
and
the
CYONSLENS2000 lens are designed and tested to enable
manufacturers to achieve eye-safety certification with minimal
effort. This section provides guidelines for complying with the Class
1 emission requirements of IEC/EN 60825-1.
When installed and operated in accordance with all requirements in
this datasheet, the kit consisting of the CYONS2001 Laser
Navigation SoC and CYONSLENS2000 satisfy CDRH 21 CFR
1040 per Laser Notice 50 and IEC/EN 60825-1 Class 1.
Laser Output Power
The CYONS2001 sensor package contains an integrated
VCSEL and drive circuitry. Before shipping, Cypress adjusts the
laser output power to eye-safe levels, taking into account
specified variations in supply voltage, temperature, lens
transmission, and VCSEL polarization, and factors such as
VCSEL aging and test equipment accuracy. The output remains
within
eye-safe
limits
under
reasonably
foreseeable
single-faults, as required by the IEC standard.
From the perspective of a manufacturer, laser emission remains
within the Class 1 limit, as defined in IEC 60825-1, Edition 2,
2007, provided the following requirements are met.
■ The supply voltage applied to pins DVDD and AVDD of the SoC
must be in the range of 2.7 to 3.6 V.
■ The operating temperature must be between 5 and 45 °C.
■ The laser output power must not be increased by any means,
including but not limited to firmware, hardware, or mechanical
modifications to the sensor or lens.
■ The mechanical housing must be designed such that the
CYONSLENS2000 cannot be removed by the user.
■ The device firmware must initialize the VCSEL driver as
described in the “VCSEL Driver” chapter of the OvationONS II
Technical Reference Manual or by using the NAV or LaserNAV
User Modules in Cypress’ PSoC Designer software.
It is the responsibility of the manufacturer to ensure these condi-
tions are always met and to demonstrate end-product
compliance to the appropriate regulatory standards.
Laser Output Power Test Procedure
To verify the laser output level, follow the steps shown in the
“VCSEL Power Calibration and Verification” section of the
technical reference manual.
Registration Assistance
The mouse or end-product supplier is responsible for certifying
the end-use product with respect to the drive voltage, manuals
and
labels,
and
operating
temperature
specifications.
Additionally, for products sold in the US, a CDRH report must be
filed for each model produced, and test and inspection of the
product’s characteristics as they relate to laser safety and the
CDRH requirements must be performed.
When filing a report with the CDRH, the supplier can refer to the
product report filed by Cypress for the CYONS2xxx family of
products. The Cypress report is based on the previously-noted
limits for voltage and temperature, and describes how the sensor
design includes consideration of drive circuit failures, laser
output variation with temperature, drive circuit variation with
temperature and voltage, polarization sensitivity of molded
optics, and measurement uncertainties.
Cypress can provide assistance to customers who want to obtain
registration. Supporting documentation, including a verification
test procedure to demonstrate end-product compliance with IEC
and CDRH requirements is available.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com