Electronic Components Datasheet Search
  English  ▼

X  

LC9997 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC9997
Description  1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC9997 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC9997 Datasheet HTML 3Page - Sanyo Semicon Device LC9997 Datasheet HTML 4Page - Sanyo Semicon Device LC9997 Datasheet HTML 5Page - Sanyo Semicon Device LC9997 Datasheet HTML 6Page - Sanyo Semicon Device LC9997 Datasheet HTML 7Page - Sanyo Semicon Device LC9997 Datasheet HTML 8Page - Sanyo Semicon Device LC9997 Datasheet HTML 9Page - Sanyo Semicon Device LC9997 Datasheet HTML 10Page - Sanyo Semicon Device LC9997 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
VB · TND
SM = —————
× 100 [%]
250
VB: The amount of smear at point B (mV)
TND: The transmittance of the neutral density
filters used.
5. Dark signal
Block all light from the surface of the CCD element, and measure the CCD output signal at the center of the screen.
For this measurement, do not measure the difference between the signal level and the optical black area level, but
rather, read out the difference with the no-signal level at a point where there is no pixel information. (See the figure.)
Structure of the Horizontal Period
6. Color irregularity (mura)
With no pattern in the LV-2001 pattern box, image the pattern box with a C-500 1-mm thick IR cut filter and a 7%
neutral density filter over the whole surface of the 1/5-inch standard lens used for measurement. Verify that the CCD
average output at this time is over 200 mV. Calculate the color difference signals RY and BY from the following
formula from the average output of post-image processing R, G, and B signals. The color irregularity (mura) CS is
defined as the distance between the two points for which the data (RY and BY) is separated the most for all the areas.
RY = {(red-green) – (blue-green)
× 0.25} × 101/64
BY = {(blue-green) – (red-green)
× 0.125} × 50/64
CS = {(RY1-RY2)2 + (BY1-BY2)2}1/2
Color Irregularity (mura) Data Acquisition Areas
No. 5783-8/11
LC9997M
Optical black area
Optical black area
Effective pixel area
No-signal area
In each block:
V direction: 30 pixels
H direction: 60 pixels
In each block:
V direction: 30 pixels
H direction: 60 pixels
Divided into 8 areas of equal separation.
Divided into 8 areas of equal separation.
Point A
Point B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com