Electronic Components Datasheet Search
  English  ▼

X  

LC9997 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC9997
Description  1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC9997 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC9997 Datasheet HTML 3Page - Sanyo Semicon Device LC9997 Datasheet HTML 4Page - Sanyo Semicon Device LC9997 Datasheet HTML 5Page - Sanyo Semicon Device LC9997 Datasheet HTML 6Page - Sanyo Semicon Device LC9997 Datasheet HTML 7Page - Sanyo Semicon Device LC9997 Datasheet HTML 8Page - Sanyo Semicon Device LC9997 Datasheet HTML 9Page - Sanyo Semicon Device LC9997 Datasheet HTML 10Page - Sanyo Semicon Device LC9997 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Notes on Handling
1. ESD prevention
This CCD image sensor is easily damaged by ESD (electrostatic discharge). The following ESD prevention measures
must be taken when handling this device.
• All personnel and all equipment must be grounded when handling this CCD device. For safety, personnel should be
grounded through a resistor of about 1 M
Ω. (We recommend using wrist straps.)
• This device should be handled with either bare hands or hands wearing antistatic gloves. Personnel should wear
antistatic clothing. Conductive shoes must be worn.
• Spread conductive mats on floors and benches in the work areas to prevent static charges from accumulating.
• We recommend using ionized air blowers to minimize static charges in areas where CCD sensors are handled.
• Antistatic boxes must be used for transporting substrate mounting materials.
• Packing materials, boxes, and other items made from plastics, such as styrofoam, that easily accumulate static
charges must not be placed on tables where CCD sensors are handled or in the vicinity of CCD handling operations.
• Tools, including testers, conveyors, and soldering irons, used in operations on CCD sensors must be grounded.
Furthermore, the quality of that grounding must be tested periodically.
• Do not handle this IC in the vicinity of TV monitors or other devices that generate high static charges. If
unavoidable, apply antistatic measures, such as covering the TV monitor screen with an antistatic filter.
• Since static charges accumulate more easily at a low relative humidity, the work environment must be maintained at
a relative humidity of 50% or higher.
2. Soldering
• The package temperature must not exceed 80°C.
• In addition to ESD, CCD sensors are easily damaged by thermal stress. When mounting on a printed circuit board,
the soldering iron temperature must never exceed 300°C, and the soldering time for each pin should be about 2
seconds.
• Only use soldering irons that include a temperature controller that holds the soldering tip at a fixed temperature.
• Be especially careful to avoid heating the device to over 80°C when repairing solder joints by hand and when
removing CCDs sensors from printed circuit boards.
3. Debris and contamination
• Handle CCD sensors in a clean location only.
• Do not touch the package surface with bare hands. Also, do not allow the package surface to come in contact with
any objects. If any foreign matter gets onto the package surface, remove it with an air blower. (We recommend
using an ionized air blower if possible.)
• Remove oil or grease contamination from the CCD package surface with a cotton swab dipped in ethyl alcohol. Be
careful not to damage the package surface.
• To prevent foreign matter and contamination from occurring, use dedicated cases to hold the CCD sensors, and also
equalize temperatures gradually when moving CCD sensors between rooms with radical temperature differences to
prevent condensation.
4. Storage
• Do not leave CCDs exposed to strong light, such as direct sunlight, for extended periods.
• Since high temperatures and high humidity can degrade device characteristics, avoid storing or using these devices
in such environments. The temperature and humidity of locations used to store samples must always be within
normal ranges (5 to 35°C and 45 to 75% RH).
• Since CCD sensors are precision optical instruments, be extremely careful not to apply mechanical shocks to these
devices.
• Avoid locations with corrosive atmospheres or high dust levels.
• Avoid locations subject to rapid temperature changes.
• Do not stack heavy objects on top of containers holding CCD sensors during storage.
• Containers used to hold sample must be made from materials with good antistatic properties.
• Be extremely careful not to apply mechanical shocks to these devices, since that could lead to bent pins and reduced
reliability during mounting.
No. 5783-10/11
LC9997M



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com