Electronic Components Datasheet Search
  English  ▼

X  

LC9997 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC9997
Description  1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC9997 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC9997 Datasheet HTML 1Page - Sanyo Semicon Device LC9997 Datasheet HTML 2Page - Sanyo Semicon Device LC9997 Datasheet HTML 3Page - Sanyo Semicon Device LC9997 Datasheet HTML 4Page - Sanyo Semicon Device LC9997 Datasheet HTML 5Page - Sanyo Semicon Device LC9997 Datasheet HTML 6Page - Sanyo Semicon Device LC9997 Datasheet HTML 7Page - Sanyo Semicon Device LC9997 Datasheet HTML 8Page - Sanyo Semicon Device LC9997 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
No. 5783-5/11
LC9997M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Imaging area pulse signals: ø1, ø2, ø3, ø4
Pulse amplitude
VPIF
*1
14.0
14.5
15.0
V
Low level
VLIF
*1
–10.0
–9.5
–9.0
V
Storage area pulse signals: øS1, øS2
Pulse amplitude
VPSL
14.0
14.5
15.0
V
Low level
VLSL
–8.0
–7.5
–7.0
V
Storage area pulse signals: øS3, øS4
Pulse amplitude
VPSL
14.0
14.5
15.0
V
Low level
VLSL
–9.0
–8.5
–8.0
V
Horizontal transfer pulse signals: øH1, øH2
Pulse amplitude
VPH
4.5
5.0
5.5
V
Low level
VLH
0
0
0.5
V
Reset gate: øR
Pulse amplitude
VPR
4.5
5.0
5.5
V
Low level
VLR
4.2
4.5
4.8
V
Substrate pulse: øNSUB
Pulse amplitude
VHSUB
*2. See Figure 1.
30.0
40.0
V
Low level
VLSUB
See Figure 1.
17.5
18.0
18.5
V
Clock Voltage Conditions at a frame shift frequency of 3.58 MHz
Notes: 1. Insert 47-pF capacitance as shown in Figure 2.
2. VHSUB must be adjusted so that the saturated output is maximum within the range where image degradation does not occur.
Figure 1
Figure 2
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
P - well
VPW
0
V
Output circuit voltage
VDD
*3
14.5
15.0
15.5
V
VGG
*4
1.2
1.5
1.8
V
OG bias
VOG
*4
4.5
5.0
5.5
V
Bias Conditions
Shutter pulse
Slice pulse
Charge sweep-out pulse
One field
Frame shift
Imaging area pulses
Vertical driver IC
LC89901V
Core IC
LC99053



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com