Electronic Components Datasheet Search
  English  ▼

X  

LC9997 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC9997
Description  1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC9997 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC9997 Datasheet HTML 1Page - Sanyo Semicon Device LC9997 Datasheet HTML 2Page - Sanyo Semicon Device LC9997 Datasheet HTML 3Page - Sanyo Semicon Device LC9997 Datasheet HTML 4Page - Sanyo Semicon Device LC9997 Datasheet HTML 5Page - Sanyo Semicon Device LC9997 Datasheet HTML 6Page - Sanyo Semicon Device LC9997 Datasheet HTML 7Page - Sanyo Semicon Device LC9997 Datasheet HTML 8Page - Sanyo Semicon Device LC9997 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Overview
The LC9997M is a 1/5-inch optical size frame transfer
CCD solid-state image sensor.
Features
• Effective pixels [total pixels]: 508
× 246 [532 × 250] (H
× V)
• Number of optical black pixels:
Horizontal: 2 in front, 22 in back
Vertical:
2.5 above, 1.5 below
• Dummy bits: Horizontal: 4 pixels
• Horizontal resolution: 330 TV lines
• Small form factor supports compact application products
• 20-pin half-pitch transparent DIP package
• Horizontal shift register operates at 5 V.
• Supports variable-speed electronic shutter operation.
Device Structure
• 1/5-inch optical size frame transfer CCD image sensor
• Unit cell size: 5.8 µm
× 9.0 µm (H × V)
• Chip size: 4.18 mm
× 5.10 mm (H × V)
• Parallel gate CCD sensor
• Built-in high-sensitivity output amplifier
• Cy-G-Ye-W mosaic complementary color filters
Package Dimensions
unit: mm
3217
53098RM (OT) No. 5783-1/11
Preliminary
[LC9997M]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
1/5-Inch Frame Transfer CCD
NTSC Color Image Sensor
LC9997M
Ordering number : EN*5783
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD
VPW = 0 V
–0.3 to +18
V
Load gate voltage
VGG
VPW = 0 V
–0.3 to +5
V
N substrate - p-well voltage
NSUB–VPW
–0.3 to +50
V
N substrate - image and storage area voltage
NSUB–
φ 1 to φ 4, φ S1 to φ S4
–0.3 to +55
V
Horizontal clock pin,
φ R: VPW = 0 V
–0.3 to +18
V
Pin voltage
Other clock pins: VPW = 0 V
–15 to +18
V
Other pins: VPW = 0 V
–0.3 to +10
V
Operating temperature
Topr
–10 to +60
°C
Storage temperature
Tstg
–30 to +80
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C


Similar Part No. - LC9997

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC9997 SANYO-LC9997 Datasheet
187Kb / 9P
1/5 Inch Optical Size NTSC Color Solid-State Image Device?
LC9997G SANYO-LC9997G Datasheet
187Kb / 9P
1/5 Inch Optical Size NTSC Color Solid-State Image Device?
More results

Similar Description - LC9997

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FT18 PHILIPS-FT18 Datasheet
234Kb / 16P
Frame Transfer CCD Image Sensor
2000 January 7
FTT1010-M PHILIPS-FTT1010-M Datasheet
171Kb / 17P
Frame Transfer CCD Image Sensor
1999 September 21
FXA1012 PHILIPS-FXA1012 Datasheet
476Kb / 17P
Frame Transfer CCD Image Sensor
2000 January 7
logo
Samsung semiconductor
KC73125UCA SAMSUNG-KC73125UCA Datasheet
248Kb / 20P
1/3 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC74125C SAMSUNG-KC74125C Datasheet
255Kb / 20P
1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC75118C SAMSUNG-KC75118C Datasheet
255Kb / 20P
1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
S5F518NZ03 SAMSUNG-S5F518NZ03 Datasheet
255Kb / 20P
1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
Sony Corporation
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
ICX054AK SONY-ICX054AK Datasheet
340Kb / 18P
1/3-inch CCD Image Sensor for NTSC Color Camera
logo
A1 PROs co., Ltd.
AI325CA A1PROS-AI325CA Datasheet
58Kb / 8P
1/3 inch CCD Image Sensor for NTSC Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com