Electronic Components Datasheet Search
  English  ▼

X  

MIC4802 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC4802
Description  High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4802 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC4802 Datasheet HTML 2Page - Micrel Semiconductor MIC4802 Datasheet HTML 3Page - Micrel Semiconductor MIC4802 Datasheet HTML 4Page - Micrel Semiconductor MIC4802 Datasheet HTML 5Page - Micrel Semiconductor MIC4802 Datasheet HTML 6Page - Micrel Semiconductor MIC4802 Datasheet HTML 7Page - Micrel Semiconductor MIC4802 Datasheet HTML 8Page - Micrel Semiconductor MIC4802 Datasheet HTML 9Page - Micrel Semiconductor MIC4802 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Micrel Inc.
MIC4802
January 2011
6
M9999-013111-B
Functional Diagram
Figure 1. MIC4802 Functional Block Diagram
Functional Description
The MIC4802 is a single channel linear LED driver with a
maximum 800mA current capability. The LED driver is
designed to maintain proper current regulation with LED
current accuracy of ±10%. The dropout is 280mV at
800mA. The low dropout of the linear drivers allows the
LEDs to be driven directly from the battery voltage and
eliminates the need for boost or large and inefficient
charge pumps. The maximum LED current for each
channel is set via an external resistor. Dimming is
controlled by applying a PWM signal to the EN pin. The
MIC4802 accommodates a wide PWM frequency range
as outlined in the application information section.
Block Diagram
As shown in Figure 1, the MIC4802 consists of current
mirrors set to copy a master current determined by RSET.
The linear LED drivers have a designated control block
for enabling and dimming of the LEDs. The MIC4802
dimming is controlled by the Ultra Fast PWM
TM control
block that receives PWM signals for dimming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com