Electronic Components Datasheet Search
  English  ▼

X  

MIC4802 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4802
Description  High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4802 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4802 Datasheet HTML 1Page - Micrel Semiconductor MIC4802 Datasheet HTML 2Page - Micrel Semiconductor MIC4802 Datasheet HTML 3Page - Micrel Semiconductor MIC4802 Datasheet HTML 4Page - Micrel Semiconductor MIC4802 Datasheet HTML 5Page - Micrel Semiconductor MIC4802 Datasheet HTML 6Page - Micrel Semiconductor MIC4802 Datasheet HTML 7Page - Micrel Semiconductor MIC4802 Datasheet HTML 8Page - Micrel Semiconductor MIC4802 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC4802
High Efficiency 800mA Single Channel
Linear WLED Driver with
Ultra Fast PWM™ Control
Ultra Fast PWM is a trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 2011
M9999-013111-B
General Description
The MIC4802 is a high efficiency White LED (WLED)
driver designed to drive a single LED up to 800mA. The
MIC4802 constant current driver is designed to drive high
power LED’s in various lighting applications. The MIC4802
provides the highest possible efficiency as this architecture
has no switching losses present in traditional charge
pumps or inductive boost circuits. It features a typical
dropout of 280mV at 800mA. This allows the LEDs to be
driven directly from the voltage source eliminating
switching noise/losses present with the use of boost
circuitry. The high accuracy (±1% Typical) current
regulated WLED channel ensures uniform display
illumination under all conditions. The brightness is
controlled through an Ultra Fast PWM™ Control interface
operating down to less than 1% duty cycle.
The MIC4802 is available in the 8-pin SOIC Epad package
with a junction temperature range of -40
°C to +125°C.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• High Efficiency (no Voltage Boost losses)
• Ultra Fast PWM™ control (200Hz to 500kHz)
• Input voltage range: 3.0V to 5.5V
• Dropout of 280mV at 800mA
• Programmable LED current with external resistor
• Current accuracy of ±1% typical
Applications
• Bill board displays
• Marquee displays
• Instrument displays
• Architectural lighting
____________________________________________________________________________________________________________
Typical Application
High Current Lighting Schematic


Similar Part No. - MIC4802

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4801 MICREL-MIC4801 Datasheet
560Kb / 12P
High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4801YM MICREL-MIC4801YM Datasheet
560Kb / 12P
High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4807 MICREL-MIC4807 Datasheet
103Kb / 8P
80V 8-Channel Addressable Low-Side Driver
MIC4807BN MICREL-MIC4807BN Datasheet
103Kb / 8P
80V 8-Channel Addressable Low-Side Driver
More results

Similar Description - MIC4802

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
MIC2841A MICREL-MIC2841A Datasheet
901Kb / 13P
High Efficiency 4 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2843A MICREL-MIC2843A Datasheet
905Kb / 13P
High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2845A MICREL-MIC2845A Datasheet
1Mb / 18P
High Efficiency 6 Channel Linear WLED Driver with DAM?? Ultra Fast PWM??Control and Dual Low IQ LDOs
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
High Efficiency 2 Channel WLED Driver with PWM Control
MIC4801 MICREL-MIC4801 Datasheet
560Kb / 12P
High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4811 MICREL-MIC4811 Datasheet
563Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812 MICREL-MIC4812 Datasheet
589Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812_1104 MICREL-MIC4812_1104 Datasheet
688Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com