Electronic Components Datasheet Search
  English  ▼

X  

MIC4802 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC4802
Description  High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4802 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC4802 Datasheet HTML 4Page - Micrel Semiconductor MIC4802 Datasheet HTML 5Page - Micrel Semiconductor MIC4802 Datasheet HTML 6Page - Micrel Semiconductor MIC4802 Datasheet HTML 7Page - Micrel Semiconductor MIC4802 Datasheet HTML 8Page - Micrel Semiconductor MIC4802 Datasheet HTML 9Page - Micrel Semiconductor MIC4802 Datasheet HTML 10Page - Micrel Semiconductor MIC4802 Datasheet HTML 11Page - Micrel Semiconductor MIC4802 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Micrel Inc.
MIC4802
January 2011
8
M9999-013111-B
Application Information
Ultra Fast PWM™ Dimming Interface
The MIC4802 supports a wide range of PWM control
signal frequencies from 200Hz to 500kHz. This
extremely wide range of control provides ultimate
flexibility for handheld applications using high frequency
PWM control signals.
WLED dimming is achieved by applying a pulse width
modulated (PWM) signal to the END pin. For PWM
frequencies between 200Hz – 10kHz the MIC4802
supports a duty cycle range from 1% to 100%, as shown
in Figure 3. The MIC4802 incorporates an internal
shutdown delay to ensure that the internal control
circuitry remains active during PWM dimming. This
feature prevents the possibility of backlight flickering
when using low frequency PWM control signals. The
MIC4802 also supports Ultra Fast PWM™ frequencies
from 20kHz to 500kHz. Due to input signal propagation
delay, PWM frequencies above 20kHz have a non-linear
relationship between the duty cycle and the average
LED current, as shown in Figure 4 and 5. Figures 6
through 9 show the WLED current response when a
PWM signal is applied to the END pin
(1).
(1)
From the low IQ sleep mode higher PWM frequencies above 15kHz
require a logic high enable signal for 60μs to first enable the MIC4802
prior to PWM dimming
.
LED Current
vs. PWM Duty Cycle
0
100
200
300
400
500
600
700
800
900
0
2040
6080
100
DUTY CYCLE (%)
fPWM = 10kHz
fPWM = 5kHz
fPWM = 1kHz
VIN = 5V
Figure 3. Average Current per LED Dimming
by Changing PWM Duty Cycle for PWM Frequencies
up to 20kHz
LED Current
vs. PWM Duty Cycle
0
100
200
300
400
500
600
700
800
900
0
20
40
60
80
100
DUTY CYCLE (%)
fPWM = 20kHz
fPWM = 200kHz
fPWM = 100kHz
fPWM = 500kHz
Figure 4. Channel Current Response to PWM Control
Signal Frequencies from 50kHz to 500kHz
Minimum Duty Cycle
vs. Frequency
0
5
10
15
20
25
30
35
100
1000
10000
100000 1000000
FREQUENCY (Hz)
Figure 5. Minimum Duty Cycle
for Varying PWM Frequency
Figure 6. PWM Signal at 1% Duty Cycle (Iavg = 8mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com