Electronic Components Datasheet Search
  English  ▼

X  

MIC4802 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC4802
Description  High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4802 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC4802 Datasheet HTML 4Page - Micrel Semiconductor MIC4802 Datasheet HTML 5Page - Micrel Semiconductor MIC4802 Datasheet HTML 6Page - Micrel Semiconductor MIC4802 Datasheet HTML 7Page - Micrel Semiconductor MIC4802 Datasheet HTML 8Page - Micrel Semiconductor MIC4802 Datasheet HTML 9Page - Micrel Semiconductor MIC4802 Datasheet HTML 10Page - Micrel Semiconductor MIC4802 Datasheet HTML 11Page - Micrel Semiconductor MIC4802 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Micrel Inc.
MIC4802
January 2011
10
M9999-013111-B
MIC4802 Typical Application Circuit
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1608X5R0J225K
TDK
(1)
06036D225KAT2A
AVX
(2)
GRM188R60J225KE19D
Murata
(3)
C1
VJ0603G225KXYAT
Vishay
(4)
Ceramic Capacitor, 2.2µF, 6.3V, X5R, Size 0603
1
LED
R42180
Seoul Semiconductor
(5)
3.8W High Power WLED
1
RSET
CRCW06036K19FKEA
Vishay
(4)
Resistor, 6.19kΩ, 1%, 1/16W, Size 0603
1
U1
MIC4802YME
Micrel, Inc.
(6)
800mA Single Channel Ultra Fast PWM™
Linear WLED Driver
1
Notes:
1. TDK: www.tdk.com
2. AVX: www.avx.com
3. Murata: www.murata.com
4. Vishay: www.vishay.com
5. Seoul Semi: http://www.acriche.com/en
6. Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com