Electronic Components Datasheet Search
  English  ▼

X  

MIC4802 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC4802
Description  High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4802 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC4802 Datasheet HTML 4Page - Micrel Semiconductor MIC4802 Datasheet HTML 5Page - Micrel Semiconductor MIC4802 Datasheet HTML 6Page - Micrel Semiconductor MIC4802 Datasheet HTML 7Page - Micrel Semiconductor MIC4802 Datasheet HTML 8Page - Micrel Semiconductor MIC4802 Datasheet HTML 9Page - Micrel Semiconductor MIC4802 Datasheet HTML 10Page - Micrel Semiconductor MIC4802 Datasheet HTML 11Page - Micrel Semiconductor MIC4802 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Micrel Inc.
MIC4802
January 2011
9
M9999-013111-B
Figure 7. PWM Signal at 20% Duty Cycle (Iavg = 160mA)
Figure 8. PWM Signal at 50% Duty Cycle (Iavg = 400mA)
Figure 9. PWM Signal at 80% Duty Cycle (Iavg = 640mA)
Thermal Consideration
The MIC4802 thermal considerations involve calculating
the junction temperature based on the voltage drop
across the package and the LED current. The voltage
drop across the package is equal to the voltage at D1
with respect to ground times the LED current.
PLOSS = ILED * VD1
The temperature rise (ΔT) is calculated:
ΔT = PLOSS * θJA
Assuming the ILED is 800mA and VD1 is 500mV at 20°C
room temperature, we can calculate the junction
temperature:
TJ = TA + ΔT
TJ = 20°C + 0.4W * 41°C/W
TJ = 20°C + 16.4°C = 36.4°C
The junction temperature will be 36.4°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com