Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB1211
Description  Standalone USB Transceiver Chip
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB1211 Datasheet HTML 1Page - Texas Instruments TUSB1211 Datasheet HTML 2Page - Texas Instruments TUSB1211 Datasheet HTML 3Page - Texas Instruments TUSB1211 Datasheet HTML 4Page - Texas Instruments TUSB1211 Datasheet HTML 5Page - Texas Instruments TUSB1211 Datasheet HTML 6Page - Texas Instruments TUSB1211 Datasheet HTML 7Page - Texas Instruments TUSB1211 Datasheet HTML 8Page - Texas Instruments TUSB1211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TUSB1211
www.ti.com
SLLSE80 – MARCH 2011
Standalone USB Transceiver Chip
Check for Samples: TUSB1211
1
Features
• USB2.0 PHY Transceiver Chip, Designed to
• Can be Interfaced to Peripheral, Host or OTG
Interface With a USB Controller via a ULPI
Controller Devices via ULPI. Suited to Portable
Interface, Fully Compliant With:
Devices or System ASICs with Built-In
Controller Core.
– Universal Serial Bus Specification Rev. 2.0
• Complete HS-USB Physical Front-End:
– On-The-Go Supplement to the USB 2.0
Specification Rev. 1.3
– Supports High Speed (480 Mbit/s), Full
Speed (12 Mbit/s) and Low Speed (1.5 Mbit/s)
– UTMI+ Low Pin Interface (ULPI) Specification
Rev. 1.1
– Integrated Phase-Locked Loop (PLL)
Supporting 2 Clock Frequencies 19.2 MHz/26
– ULPI 12-Pin SDR Interface
MHz
– USB Battery Charging Specification Rev. 1.1
– Integrated 45
Ω ±10% High-Speed
• USB Battery Charger Detection Feature
Termination Resistors, 1.5 k
Ω Full-Speed
– Detection Compliant to USB Charging
Device Pullup Resistor, 15 k
Ω Host
Specification v1.1 Including ACA Detection
Termination Resistors
– Additional DP Weak Pullup Resistor
– Integrated Transmit and Receive Paths for
Available for Detection of DP/DM
Parallel-to-Serial and Serial-to-Parallel Data
Connectivity
Conversion
• DP/DM Line External Component
– USB Data Recovery to Allow Recovery of
Compensation (TI Patent Pending)
USB Data up to ±500 ppm Frequency Drift
• Complete USB OTG Physical Front-End that
– Bit-Stuffing Insertion During Transmit and
Supports Host Negotiation Protocol (HNP) and
Removal During Receive
Session Request Protocol (SRP)
– Non-Return-to-Zero Inverted (NRZI)
• VBUS Overvoltage Protection Circuitry Protects
Encoding and Decoding
VBUS Pin in Range –2 V to 20 V
– Supports Bus Reset, Suspend, Resume and
• Internal 5 V Short-Circuit Protection of DP, DM,
High-Speed Detection Handshake (Chirp)
and ID Pins for Cable Shorting to VBUS Pin
– HS USB DP/DM Impedance Programmability
• ULPI Interface:
for External Component Compensation
– I/O Interface (1.8V) Optimized for
• OTG Ver1.3:
Non-Terminated 50
Ω Line Impedance
– Control of External VBUS Switch or Charge
– ULPI CLOCK Pin (60 MHz) Supports Both
Pump
Input and Output Clock Configurations
– VBUS Fault Detection
– Fully Programmable ULPI-Compliant
– Both Session Request Protocol (SRP)
Register Set
Methods Supported: Data Pulsing and VBUS
• Full Industrial Grade Operating Temperature
Pulsing
Range from –40°C to 85°C
– Integrated VBUS Detectors and Cable
• Available in a TFBGA36 Ball Package
Detection (ID)
• USB HS Start-Of-Frame Clock Output Feature
• Internal Power-On Reset (POR) Circuit
Available on SOF Pin Can be Used to
• Flexible System Integration and Very Low
Synchronize Another Application, e.g., Audio,
Current Consumption, Optimized for Portable
With the USB Packet Stream
Devices
Copyright © 2011, Texas Instruments Incorporated
Features
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com