Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB1211
Description  Standalone USB Transceiver Chip
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 12Page - Texas Instruments TUSB1211 Datasheet HTML 13Page - Texas Instruments TUSB1211 Datasheet HTML 14Page - Texas Instruments TUSB1211 Datasheet HTML 15Page - Texas Instruments TUSB1211 Datasheet HTML 16Page - Texas Instruments TUSB1211 Datasheet HTML 17Page - Texas Instruments TUSB1211 Datasheet HTML 18Page - Texas Instruments TUSB1211 Datasheet HTML 19Page - Texas Instruments TUSB1211 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
TUSB1211
SLLSE80 – MARCH 2011
www.ti.com
7
USB Transceiver (PHY)
The TUSB1211 device includes a universal serial bus (USB) on-the-go (OTG) transceiver that supports
USB 480 Mb/s high-speed (HS), 12 Mb/s full-speed (FS), and USB 1.5 Mb/s low-speed (LS) through a
12-pin UTMI+ low pin interface (ULPI).
Table 7-1. Interface Target Frequencies
IO INTERFACE
INTERFACE DESIGNATION
TARGET FREQUENCY
High speed
480 Mbits/s
USB
Universal serial bus
Full speed
12 Mbits/s
Low speed
1.5 Mbits/s
7.1
PHY Overview
The PHY is the physical signaling layer of the USB 2.0. It essentially contains all the drivers and receivers
required for physical data and protocol signaling on the DP and DM lines.
The PHY interfaces to the USB controller through a standard 12-pin digital interface called UTMI+ low pin
interface (ULPI).
The transmitters and receivers inside the PHY are classified into two main classes.
•
The full-speed (FS) and low-speed (LS) transceivers. These are the legacy USB1.x transceivers.
•
The HS (HS) transceivers
In order to bias the transistors and run the logic, the PHY also contains reference generation circuitry
which consists of:
•
A PLL which does a frequency multiplication to achieve the 480-MHz low-jitter clock necessary for
USB and also the clock required for the switched capacitor resistance block.
•
Internal biasing circuitry
Built-in pullup and pulldown resistors are used as part of the protocol signaling.
Apart from this, the PHY also contains circuitry which protects it from accidental short on the DP and DM
lines to 5 V or GND.
16
USB Transceiver (PHY)
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com