Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB1211
Description  Standalone USB Transceiver Chip
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 2Page - Texas Instruments TUSB1211 Datasheet HTML 3Page - Texas Instruments TUSB1211 Datasheet HTML 4Page - Texas Instruments TUSB1211 Datasheet HTML 5Page - Texas Instruments TUSB1211 Datasheet HTML 6Page - Texas Instruments TUSB1211 Datasheet HTML 7Page - Texas Instruments TUSB1211 Datasheet HTML 8Page - Texas Instruments TUSB1211 Datasheet HTML 9Page - Texas Instruments TUSB1211 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TUSB1211
www.ti.com
SLLSE80 – MARCH 2011
2
Description
The TUSB1211 is a USB2.0 transceiver chip, designed to interface with a USB controller via a ULPI
interface. It supports all USB2.0 data rates (High-Speed 480Mbps, Full-Speed 12 Mbps and Low-Speed
1.5Mbps) in both Host and Peripheral modes. It additionally supports a UART mode and legacy ULPI
serial modes.
TUSB1211 also supports USB Battery Charging Specification Ver1.1. integrating a charger detection
module for sensing and control on DP/DM lines, and ACA (Accessory Charger Adapter) detection and
control on ID line. ACA allows simultaneous connection of a USB Charger or Charging Downstream Port
and an Accessory to a portable OTG device. Configuration bits allow an ACA-agnostic legacy link to
correctly communicate with the connected accessory Port through the ACA.
TUSB1211 also supports the OTG (Ver1.3) optional addendum to the USB2.0 specification, including Host
Negotiation Protocol (HNP) and Session Request Protocol (SRP).
TUSB1211 is optimized to be interfaced through a 12-pin SDR UTMI Low Pin Interface (ULPI), supporting
both input clock and output clock modes, with 1.8 V interface supply voltage.
TUSB1211 integrates a 3.3 V LDO, which makes it flexible to work with either battery operated systems or
pure 3.3 V supplied systems. Both the main supply and the 3.3 V power domain can be supplied through
an external switched-mode converter for optimized power efficiency.
TUSB1211 includes a POR circuit to detect supply presence on VBAT and VDDIO pins. TUSB1211 can be
disabled or configured in low power mode for energy saving.
TUSB1211 is protected against accidental shorts to 5 V or ground on its exposed interface (DP/DM/ID). It
is also protected against up to 20 V surges on VBUS.
TUSB1211 integrates a high-performance low-jitter 480 MHz PLL and supports two clock configurations.
Depending on the required link configuration, TUSB1211 supports both ULPI input and output clock mode
: input clock mode, in which case a square-wave 60 MHz clock is provided to TUSB1211 at the ULPI
interface CLOCK pin; and output clock mode in which case TUSB1211 can accept a square-wave
reference clock at REFCLK of either 19.2 MHz, 26 MHz. Frequency is indicated to TUSB1211 via the
configuration pin CFG. This can be useful if a reference clock is already available in the system.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com