Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB1211
Description  Standalone USB Transceiver Chip
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 3Page - Texas Instruments TUSB1211 Datasheet HTML 4Page - Texas Instruments TUSB1211 Datasheet HTML 5Page - Texas Instruments TUSB1211 Datasheet HTML 6Page - Texas Instruments TUSB1211 Datasheet HTML 7Page - Texas Instruments TUSB1211 Datasheet HTML 8Page - Texas Instruments TUSB1211 Datasheet HTML 9Page - Texas Instruments TUSB1211 Datasheet HTML 10Page - Texas Instruments TUSB1211 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
CHRG_
POL
CHRG_
DET
TFBGA36 PACKAGE
(BOTTOM VIEW)
VBAT
VBUS
REFCLK
SOF
CHRG_
EN_N
FAULT
REG3V3
GND
DIR
REG1V5
DP
GND
ID
PSW
DXT
STP
DM
CS_N
RESET_N
GND
DATA7
DATA0
VDDIO
CS
CFG
VDDIO
DATA6
DATA1
DATA2
DATA3
CLOCK
DATA4
DATA5
A
1
4
2
5
3
6
B
C
D
E
F
NC
(1)
TUSB1211
www.ti.com
SLLSE80 – MARCH 2011
1
2.1
Terminal Description
(1)
NC = Not Connected
(2)
The size of the device should be 3.5 mm ±0.1 mm by 3.5 mm ±0.1 mm. Height is 1.0 mm typical 1.15 mm max including the solder
balls. The pitch of the device is 0.5 mm. Ball width 0.3 mm ±0.05 mm.
Figure 2-1. TFBGA36 Package - Bottom View
Table 2-1 provides a description of the signals on the TUSB1211 package; some signals are available on
multiple pins.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright © 2011, Texas Instruments Incorporated
Description
7
Submit Documentation Feedback
Product Folder Link(s): TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com