Electronic Components Datasheet Search
  English  ▼

X  

TUSB1211 Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB1211
Description  Standalone USB Transceiver Chip
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB1211 Datasheet HTML 4Page - Texas Instruments TUSB1211 Datasheet HTML 5Page - Texas Instruments TUSB1211 Datasheet HTML 6Page - Texas Instruments TUSB1211 Datasheet HTML 7Page - Texas Instruments TUSB1211 Datasheet HTML 8Page - Texas Instruments TUSB1211 Datasheet HTML 9Page - Texas Instruments TUSB1211 Datasheet HTML 10Page - Texas Instruments TUSB1211 Datasheet HTML 11Page - Texas Instruments TUSB1211 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TUSB1211
SLLSE80 – MARCH 2011
www.ti.com
Table 2-1. Terminal Functions
#
PIN
(1)
NAME
A/D
(2)
TYPE
(3)
LEVEL
(4)
DESCRIPTION
1
D5
NXT
D
O
VDDIO
ULPI NXT output signal
2
B1
DATA0
D
I/O
VDDIO
ULPI DATA input/output signal synchronized to CLOCK
3
A1
DATA1
D
I/O
VDDIO
ULPI DATA input/output signal synchronized to CLOCK
4
A2
DATA2
D
I/O
VDDIO
ULPI DATA input/output signal synchronized to CLOCK
5
A3
DATA3
D
I/O
VDDIO
ULPI DATA input/output signal synchronized to CLOCK
6
A5
DATA4
D
I/O
VDDIO
ULPI DATA input/output signal synchronized to CLOCK
7
A6
DATA5
D
I/O
VDDIO
ULPI DATA input/output signal synchronized to CLOCK
8
B6
DATA6
D
I/O
VDDIO
ULPI DATA input/output signal synchronized to CLOCK
Active-high chip select pin. When low the IC is in power down and ULPI bus is tri-stated. When high (and
9
B3
CS
D
I
VDDIO
CS_N pin iTie to VDDIO if unused.s low) normal operation.
10
E6
REG1V5
A
POWER
VDD15
1.5 V internal LDO output. Connect to external filtering capacitor.
11
C6
DATA7
D
I/O
VDDIO
ULPI DATA input/output signal synchronized to CLOCK
REFCLK clock frequency configuration pin. Two frequencies are supported: 19.2MHz when 0, or 26MHz
12
B4
CFG
D
I
VDDIO
when 1.
13
D1
DP
A
I/O
VDD33
DP pin of the USB connector
14
C1
DM
A
I/O
VDD33
DM pin of the USB connector
15
E3
REG3V3
A
POWER
VDD33
3.3 V internal LDO output. Connect to external filtering capacitor.
16
F3
VBAT
A
POWER
VBAT
Input supply voltage or battery source. Nominally 3.3 V to 4.5 V
17
F4
VBUS
A
I/O
VBUS
VBUS pin of the USB connector
18
D3
ID
A
I/O
VBUS
Identification (ID) pin of the USB connector
ULPI 60MHz clock on which ULPI data is synchronized. 2 modes are possible:
19
A4
CLOCK
D
I/O
VDDIO
Input Mode: CLOCK defaults as an input (this is the default clock mode)
Output Mode: When an input clock is detected on REFCLK pin then CLOCK will change to an output
Active low chip reset pin. Minimum pulse width 100 µs. When low all digital logic (except 32kHz logic
required for power-up sequencing and charger detection state-machine) including registers are reset to
20
C4
RESET_N
D
I
VDDIO
their default values. ULPI bus is in “ULPI Synchronous mode power-up PLL OFF” state as described in
Table14-1. When high normal USB operation.
21
D6
STP
D
I
VDDIO
ULPI STP input signal
22
E5
DIR
D
O
VDDIO
ULPI DIR output signal
23
B5
VDDIO
A
I
VDDIO
External 1.8V supply input for digital I/Os. Connect to external filtering capacitor.
24
B2
VDDIO
A
I
VDDIO
External 1.8V supply input for digital I/Os. Connect to external filtering capacitor.
25
C5
GND
A
GROUND
GND
Ground
26
D2
GND
A
GROUND
GND
Ground
27
E4
GND
A
GROUND
GND
Ground
Reference clock input.
28
F5
REFCLK
A
I
VDDIO
Input reference clock frequency must be indicated by CFG pin.
Two frequencies are supported: 19.2MHz (when CFG = 0), and 26MHz (when CFG = 1).
HS USB SOF (Start-Of-Frame) output clock. (feature controlled by SOF_EN bit, disabled and output logic
29
F6
SOF
D
O
VDDIO
low by default.). HS USB SOF packet rate is 8 kHz
30
C2
NC
Not connected
Active-low chip select pin. When high the IC is in power down and ULPI bus is tri-stated. When low (and
31
C3
CS_N
D
I
VDDIO
CS pin is high) normal operation. Tie to GND if unused.
Active low input pin used to enable Battery Charging Detection in Dead Battery Charger Detection mode.
32
E1
CHRG_EN_N
D
I
VBAT
This pin is ignored in ACTIVE mode. Connect to GND to activate. Connect to VBAT when charger
detection not required
VBUS fault detector input used as EXTERNALVBUSINDICATOR in TUSB1211. The link must enable
VBUS fault detection via the USEEXTERNALVBUSINDICATOR register bit, and the polarity must be set
33
E2
FAULT
D
I
VBAT
via the INDICATORCOMPLEMENT register bit. INDICATORPASSTHRU bit can be used to qualify
FAULT with the internal vbusvalid comparator. Connect to GND if not used. This pin is 5V tolerant.
When connected to GND then CHRG_DET output pin is active low. When connected to VBAT then
34
F1
CHRG_POL
D
I
VBAT
CHRG_DET output pin is active high.
(1)
Pin = Package Pin coordinate of Figure 2-1
(2)
A/D: A = Analog pin, D = Digital pin
(3)
TYPE: I = Input pin type, O = Output pin type, I/O = Input/Output pin type, POWER = Power supply pin type,
GROUND = Ground type pin
(4)
LEVEL = Pin power supply level
8
Description
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com