Electronic Components Datasheet Search
  English  ▼

X  

MIC502 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC502
Description  Fan Management IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC502 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC502 Datasheet HTML 1Page - Micrel Semiconductor MIC502 Datasheet HTML 2Page - Micrel Semiconductor MIC502 Datasheet HTML 3Page - Micrel Semiconductor MIC502 Datasheet HTML 4Page - Micrel Semiconductor MIC502 Datasheet HTML 5Page - Micrel Semiconductor MIC502 Datasheet HTML 6Page - Micrel Semiconductor MIC502 Datasheet HTML 7Page - Micrel Semiconductor MIC502 Datasheet HTML 8Page - Micrel Semiconductor MIC502 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Micrel, Inc.
MIC502
November 2006
5
M9999-112206
VOH
VOL
40%
60%
30%
0%
100%
tSTARTUP
tPWM
Output
Duty Cycle
HI
JK
M
N
L
0.7VDD
0.3VDD
0.3VDD
VT1
VT2
VSLP
100%
0%
20%
60%
40%
30%
PWM
Range
VOT
VIH
VIL
0V
VOH
VOL
VOUT
VOTF
O
100%
VDD
0V
VDD
0V
0V
Figure 2. MIC502 Typical Power-Up System Behavior
Note H.
At power-on, the startup timer forces OUT on for 64 PWM cycles of the internal timebase (tPWM). This insures that the fan will start from a dead
stop.
Note I.
The PWM duty-cycle follows the higher of VT1 and VT2, in the case, VT1.
Note J.
The PWM duty-cycle follows VT1 as it increases.
Note K.
PWM duty-cycle is 100% (OUT constantly on) anytime VT1 > VPWM(max).
Note L.
/OTF is asserted anytime VT1 > VOT. (The fan continues to run at 100% duty-cycle).
Note M.
/OTF is deasserted when VT1 falls below VOT; duty-cycle once again follows VT1.
Note N.
Duty-cycle follows VT1 until VT1 < VT2, at which time VT2 becomes the controlling input signal. Note that VT1 is below VSLP but above VIH; so
normal operation continues. (Both VT1 and VT2 must be below VSLP to active sleep mode).
Note O.
All functions cease when VT1 < VIL; this occurs regardless of the state of VT2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com