Electronic Components Datasheet Search
  English  ▼

X  

MIC502 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC502
Description  Fan Management IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC502 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC502 Datasheet HTML 6Page - Micrel Semiconductor MIC502 Datasheet HTML 7Page - Micrel Semiconductor MIC502 Datasheet HTML 8Page - Micrel Semiconductor MIC502 Datasheet HTML 9Page - Micrel Semiconductor MIC502 Datasheet HTML 10Page - Micrel Semiconductor MIC502 Datasheet HTML 11Page - Micrel Semiconductor MIC502 Datasheet HTML 12Page - Micrel Semiconductor MIC502 Datasheet HTML 13Page - Micrel Semiconductor MIC502 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Micrel, Inc.
MIC502
November 2006
10
M9999-112206
Normal Operation
Normal operation consists of the PWM operating to
control the speed of the fan according to VT1 and VT2.
Exceptions to this otherwise indefinite behavior can be
caused by any of three conditions: VT1 exceeding VOT,
an overtemperature condition; VT1 being pulled below VIL
initiating a device shutdown and reset; or both VT1 and
VT2 falling below VSLP, activating sleep mode. Each of
these exceptions is treated as follows:
Overtemp?
VT1 >VOT
?
NORMAL
OPERATION
VT1 and VT2
<VSLEE P
?
NO
OUT Duty Cycl
e
Proportional to
Greater of VT1, VT2
YES
Assert /OTF while
VT1 >VOT
Reset?
VT1 <VIL
?
POWER ON
SL EEP
YES
NO
YES
NO
Figure 4. Normal System Behavior
• Overtemperature: If the system temperature rises
typically 7% above the 100% duty-cycle operating
point, /OTF will be activated to indicate an
overtemperature fault. (VT1 > VOT) Overtemperature
detection is essentially independent of other
operations — the PWM continues its normal
behavior; with VT1 > VPWM(max), the output duty-cycle
will be 100%. If VT1 falls below VOT, the
overtemperature condition is cleared and /OTF is no
longer asserted. It is assumed that in most systems,
the /OTF output will initiate power supply shutdown.
• Shutdown/Reset: If VT1 is driven below VIL an
immediate, asynchronous shutdown occurs. While in
shutdown mode, OUT is off (low), and /OTF is
unconditionally
inactive
(high/floating).
If
VT1
subsequently rises above VIH, a device reset will
occur. Reset is indistinguishable from a power-up
condition. The state of /OTF is cleared, a startup
interval is triggered, and normal fan operation
begins.
• Sleep: If VT1 and VT2 fall below VSLP, the device
enters sleep mode. All internal functions cease
unless VT1 or VT2 rise above VWAKE. (VWAKE = VSLP +
VHYST). The /OTF output is unconditionally inactive
(high/floating) and the PWM is disabled during sleep
(OUT will float).
Sleep Mode
During normal operation, if VT1 and VT2 fall below VSLP,
the device will go into sleep mode and fan operation will
stop. The MIC502 will exit sleep mode when VT1 or VT2
rise above VSLP by the hysteresis voltage, VHYST. When
this occurs, normal operation will resume. The
resumption of normal operation upon exiting sleep is
indistinguishable from a power-on reset. (See “Sleep:
Normal Operation,” above.)
Disable PWM
Reset Released
VT1 >VIH
?
SL EEP
Reset Initiate
d
VT1 <VIL
?
YES
YES
Wake Up?
VT1 or VT2 >
VSLP+VHYST
?
POW E R ON
NO
NO
NO
YES
Figure 5. Sleep-Mode Behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com