Electronic Components Datasheet Search
  English  ▼

X  

MIC502 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC502
Description  Fan Management IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC502 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC502 Datasheet HTML 3Page - Micrel Semiconductor MIC502 Datasheet HTML 4Page - Micrel Semiconductor MIC502 Datasheet HTML 5Page - Micrel Semiconductor MIC502 Datasheet HTML 6Page - Micrel Semiconductor MIC502 Datasheet HTML 7Page - Micrel Semiconductor MIC502 Datasheet HTML 8Page - Micrel Semiconductor MIC502 Datasheet HTML 9Page - Micrel Semiconductor MIC502 Datasheet HTML 10Page - Micrel Semiconductor MIC502 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Micrel, Inc.
MIC502
November 2006
7
M9999-112206
Typical Characteristics (cont.)
0
1
2
3
4
5
6
7
8
9
-40 -20 0
20 40 60 80 100
TEMPERATURE (°C)
VPWM(max)
vs. Temperature
V
DD =12V
V
DD = 5V
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
101214
V
DD (V)
VOT vs.
Supply Voltage
1
10
100
1000
3000
0.001
0.01
0.1
1
CAPACITANCE (µF)
PWM Frequency vs.
Timing Capacitor Value
0
0.2
0.4
0.6
0.8
1
1.2
-40 -20 0
20 40 60 80 100
TEMPERATURE (°C)
PWM Frequency (normalized)
vs. Temperature
V
DD = 12V
V
DD = 5V
0
1
2
3
4
5
6
7
8
9
10
-40 -20 0
20 40 60 80 100
TEMPERATURE (°C)
VOT
vs. Temperature
V
DD
= 12V
V
DD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com