Electronic Components Datasheet Search
  English  ▼

X  

MIC502 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC502
Description  Fan Management IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC502 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC502 Datasheet HTML 2Page - Micrel Semiconductor MIC502 Datasheet HTML 3Page - Micrel Semiconductor MIC502 Datasheet HTML 4Page - Micrel Semiconductor MIC502 Datasheet HTML 5Page - Micrel Semiconductor MIC502 Datasheet HTML 6Page - Micrel Semiconductor MIC502 Datasheet HTML 7Page - Micrel Semiconductor MIC502 Datasheet HTML 8Page - Micrel Semiconductor MIC502 Datasheet HTML 9Page - Micrel Semiconductor MIC502 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Micrel, Inc.
MIC502
November 2006
6
M9999-112206
Typical Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
2
4
6
8
101214
V
DD (V)
Supply Current
vs. Supply Voltage
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0246 8
10 12 14
V
DD (V)
VOL vs.
Supply Voltage
I
OL = 0.9mA
0
5
10
15
20
25
30
35
0246 8
10 12 14
V
DD (V)
VOL vs.
Supply Voltage
I
OL = 100µA
0
0.05
0.10
0.15
0.20
0.25
-40 -20 0
20406080 100
TEMPERATURE (°C)
VOL
vs. Temperature
V
DD =12V
V
DD = 5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-40 -20 0
20406080 100
TEMPERATURE (°C)
Supply Current
vs. Temperature
V
DD = 12V
V
DD = 5V
0
0.05
0.1
0.15
0.2
0.25
0.3
-40 -20 0
20406080 100
TEMPERATURE (°C)
IDDSLEEP vs.
Temperature
V
DD = 12V
V
DD = 5V
0
0.5
1
1.5
2
2.5
3
3.5
4
0246 8
10 12 14
V
DD (V)
VOH vs.
Supply Voltage
I
OH = 10mA
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0246 8
10 12 14
V
DD (V)
VOH vs.
Supply Voltage
I
OH = 100µA
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-40 -20 0
20406080 100
TEMPERATURE (°C)
VOH vs.
Temperature
V
DD = 12V
V
DD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com