Electronic Components Datasheet Search
  English  ▼

X  

MIC502 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC502
Description  Fan Management IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC502 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC502 Datasheet HTML 1Page - Micrel Semiconductor MIC502 Datasheet HTML 2Page - Micrel Semiconductor MIC502 Datasheet HTML 3Page - Micrel Semiconductor MIC502 Datasheet HTML 4Page - Micrel Semiconductor MIC502 Datasheet HTML 5Page - Micrel Semiconductor MIC502 Datasheet HTML 6Page - Micrel Semiconductor MIC502 Datasheet HTML 7Page - Micrel Semiconductor MIC502 Datasheet HTML 8Page - Micrel Semiconductor MIC502 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MIC502
Fan Management IC
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2006
1
M9999-112206
General Description
The MIC502 is a thermal and fan management IC which
supports the features for NLX/ATX power supplies and
other control applications.
Fan speed is determined by an external temperature
sensor, typically a thermistor-resistor divider, and (option-
ally) a second signal, such as the NLX “FanC” signal. The
MIC502 produces a low-frequency pulse-width modulated
output for driving an external motor drive transistor. Low-
frequency PWM speed control allows operation of
standard brushless dc fans at low duty cycle for reduced
acoustic noise and permits the use of a very small power
transistor. The PWM time base is determined by an
external capacitor.
An open-collector overtemperature fault output is asserted
if the primary control input is driven above the normal
control range.
The MIC502 features a low-power sleep mode with a user-
determined threshold. Sleep mode completely turns off the
fan and occurs when the system is asleep or off (both
control inputs very low). A complete shutdown or reset can
also be initiated by external circuitry as desired.
The MIC502 is available as 8-pin plastic DIP and SOIC
packages in the –40°C to +85°C industrial temperature
range.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Temperature-proportional fan speed control
• Low-cost, efficient PWM fan drive
• 4.5V to 13.2V IC supply range
• Controls any voltage fan
• Overtemperature detection with fault output
• Integrated fan startup timer
• Automatic user-specified sleep mode
• Supports low-cost NTC/PTC thermistors
• 8-pin DIP and SOIC packages
Applications
• NLX and ATX power supplies
• Personal computers
• File servers
• Telecom and networking hardware
• Printers, copiers, and office equipment
• Instrumentation
• Uninterruptible power supplies
• Power amplifiers
___________________________________________________________________________________________________________
Typical Application
VT1
CF
VS L P
GND
VDD
OUT
OT F
VT2
1
2
3
4
8
7
6
5
R1
T1
R3
R4
CF
R2
12V
RBASE
Overtemperature
Fault Output
MIC502
Secondary
Fan-contro
l
Input
Fan
Q1


Similar Part No. - MIC502

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC502 MICREL-MIC502 Datasheet
130Kb / 11P
Fan Management IC Advance Information
MIC502 MICREL-MIC502 Datasheet
240Kb / 15P
Fan Management IC
MIC5020 MICREL-MIC5020 Datasheet
99Kb / 7P
Current-Sensing Low-Side MOSFET Driver
MIC5020 MICREL-MIC5020 Datasheet
185Kb / 8P
Current-Sensing Low-Side MOSFET Driver
MIC5020BM MICREL-MIC5020BM Datasheet
99Kb / 7P
Current-Sensing Low-Side MOSFET Driver
More results

Similar Description - MIC502

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC502 MICREL-MIC502 Datasheet
130Kb / 11P
Fan Management IC Advance Information
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Micrel Semiconductor
MIC3000 MICREL-MIC3000 Datasheet
416Kb / 68P
SFP Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
POWER MANAGEMENT iC
logo
Micrel Semiconductor
MIC3000 MICREL-MIC3000_07 Datasheet
452Kb / 68P
FOM Management IC
MIC502 MICREL-MIC502_06 Datasheet
240Kb / 15P
Fan Management IC
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com