Electronic Components Datasheet Search
  English  ▼

X  

MICRF008 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF008
Description  QwikRadio Sweep-Mode Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF008 Datasheet HTML 1Page - Micrel Semiconductor MICRF008 Datasheet HTML 2Page - Micrel Semiconductor MICRF008 Datasheet HTML 3Page - Micrel Semiconductor MICRF008 Datasheet HTML 4Page - Micrel Semiconductor MICRF008 Datasheet HTML 5Page - Micrel Semiconductor MICRF008 Datasheet HTML 6Page - Micrel Semiconductor MICRF008 Datasheet HTML 7Page - Micrel Semiconductor MICRF008 Datasheet HTML 8Page - Micrel Semiconductor MICRF008 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micrel, Inc.
MICRF008
August 2008
5
M9999-080108
CTH source impedance in Table 1 is represented by
(symbolic) resistor RSC in the MICRF008 Simplified
Block Diagram. The Programmable LPF (Low Pass
Filter) is also illustrated in the MICRF008 Simplified
Block Diagram.
SEL0
Programmable LPF
Bandwidth (Hz)
CTH Source
Impedance (Ω)
1
2400
440k
0
4800
220k
Table 1. Nominal Characteristics
Programmable LPF Bandwidth
and CTH Source Impedance
Typical Characteristics
4
6
8
10
12
14
16
18
250
300
350
400
450
500
FREQUENCY (MHz)
Supply Current
vs. Frequency
T
A =25°C
V
DD =5V
0
2
4
6
8
10
12
14
16
18
-40 -20 0
20 40 60 80 100
TEMPERATURE (°C)
Supply Current
vs. Temperature
f = 315MHz
V
DD =5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com