Electronic Components Datasheet Search
  English  ▼

X  

MICRF008 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF008
Description  QwikRadio Sweep-Mode Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF008 Datasheet HTML 4Page - Micrel Semiconductor MICRF008 Datasheet HTML 5Page - Micrel Semiconductor MICRF008 Datasheet HTML 6Page - Micrel Semiconductor MICRF008 Datasheet HTML 7Page - Micrel Semiconductor MICRF008 Datasheet HTML 8Page - Micrel Semiconductor MICRF008 Datasheet HTML 9Page - Micrel Semiconductor MICRF008 Datasheet HTML 10Page - Micrel Semiconductor MICRF008 Datasheet HTML 11Page - Micrel Semiconductor MICRF008 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Micrel, Inc.
MICRF008
August 2008
8
M9999-080108
VDDBB
VSSBB
Compa-
rator
10µA
10µA
DO
Figure 4. DO Pin
REFOSC Pin
The REFOSC input circuit is shown in Figure 5. Input
impedance is quite high (200kΩ). This is a Colpitts
oscillator, with internal 30pF capacitors. This input is
intended to work with standard ceramic resonators,
connected from this pin to VSSBB. The resonators
should not contain integral capacitors, since these
capacitors are contained inside the IC. Externally applied
signals should be AC-coupled, amplitude limited to
approximately 0.5VPP. The nominal DC bias voltage on
this pin is 1.4V.
250
200k
Active
Bias
REFOSC
30pF
30pF
15µA
VDDBB
VSSBB
VSSBB
Figure 5. REFOSC Pin
Control Input (SEL0)
Control input circuitry is shown in Figure 6. The standard
input is a logic inverter constructed with minimum
geometry MOSFETs (Q2, Q3). P-Channel MOSFET Q1
is a large channel length device which functions
essentially as a “weak” pullup to VDDBB. Typical pullup
current is 5μA, leading to an impedance to the VDDBB
supply of typically 1MΩ.
to Interna
Circuits
VDDBB
VSSBB
Logic
Input
Q2
Q3
Q1
VSSBB
Figure 6. SEL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com