Electronic Components Datasheet Search
  English  ▼

X  

MICRF008 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF008
Description  QwikRadio Sweep-Mode Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF008 Datasheet HTML 5Page - Micrel Semiconductor MICRF008 Datasheet HTML 6Page - Micrel Semiconductor MICRF008 Datasheet HTML 7Page - Micrel Semiconductor MICRF008 Datasheet HTML 8Page - Micrel Semiconductor MICRF008 Datasheet HTML 9Page - Micrel Semiconductor MICRF008 Datasheet HTML 10Page - Micrel Semiconductor MICRF008 Datasheet HTML 11Page - Micrel Semiconductor MICRF008 Datasheet HTML 12Page - Micrel Semiconductor MICRF008 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Micrel, Inc.
MICRF008
August 2008
12
M9999-080108
SEL0 Pin – Setting the Demodulator Bandwidth
The SEL0 pin sets the demodulator bandwidth. When
the pin is connected to ground the demodulator
bandwidth is set to its minimum. When the pin is left
floating (internal pull-up) or connected to VDD, the
demodulator bandwidth is set to its maximum. The
demodulator bandwidth is a function of the RF frequency
used. See Table 7 for the most common frequency used
versus the demodulator bandwidth.
RF Carrier Frequency (MHz)
SEL0
315
390
418
433.92
0
1.6kHz
2.0kHz
2.2kHz
2.4kHz
1
3.6kHz
4.0kHz
4.4kHz
4.8kHz
Table 7. Demodulator Bandwidth
To determine what is the demodulator bandwidth
required for the application, the absolute minimum pulse
width used in the encoder transmitted signal needs to be
found. The data pattern has several different types of
pulse width depending what data format is being used
(NRZ, Manchester, PWM, etc). The minimum pulsewidth
is the shortest pulse in the output of the encoder being
sent to the transmitter input measured during one bit
time when the signal is high. See Figure 9 below for
clarification.
Shortest
pulsewidth
Data 50%
Manchester
Dead Time
Preamble
bit period = 1/data rate
Figure 9. Data Pattern
Then, the demodulator bandwidth required is calculated
by:
[]
Hz
pulse
shortest
0.65
BW
Demod
=
Data Squelching
Data squelching can be achieved by software or
hardware. The software squelch is preferred over
hardware squelch for it is more flexible, reliable, lower
cost over manufacturing, etc. However, it takes time and
resources to develop any software. If one needs a
squelch function, a resistor can be used in the CTH pin.
R1 and R2 are in the test circuit for this purpose. Either
one of them can be used or both. If only one resistor is
used, the value of the resistor should be chosen
according to the amount of squelch needed and if the
DO pin needs to be sitting high or low without an RF
income signal. Values from 10MΩ and below can be
used. When both resistors are used, a more accurate
control can be achieved for the squelch function.
The drawbacks using these resistors are: loss in receiver
sensitivity, reduced demodulator bandwidth, and the CTH
capacitor equation will not work. As a result, CTH
capacitor will have to be determined empirically. Another
way to implement a hardware squelch is to make R1
equal to 10MΩ to 6.8MΩ, and use a low-pass filter after
the DO pin and a comparator circuit. The low-pass filter
can be a capacitor, which is C6 in the Test Circuit. The
reference voltage in the comparator can be set close to
VDD/2 and the other input connected to the DO pin.
Power Supply Filter
A decoupling capacitor right at the VDD pin is strongly
recommended as it is in the test circuit, which has 0.1μF.
Not shown in the Test Circuit Schematic is an EMI
Inductor, L1 in the silkscreen layer. It has the purpose to
further filter an income noise on the VDD line, generally
present in switching power supplies. It is good practice
to separate RF ground from digital ground and also VDD
RF from other VDD lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com