Electronic Components Datasheet Search
  English  ▼

X  

MICRF008 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MICRF008
Description  QwikRadio Sweep-Mode Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MICRF008 Datasheet HTML 3Page - Micrel Semiconductor MICRF008 Datasheet HTML 4Page - Micrel Semiconductor MICRF008 Datasheet HTML 5Page - Micrel Semiconductor MICRF008 Datasheet HTML 6Page - Micrel Semiconductor MICRF008 Datasheet HTML 7Page - Micrel Semiconductor MICRF008 Datasheet HTML 8Page - Micrel Semiconductor MICRF008 Datasheet HTML 9Page - Micrel Semiconductor MICRF008 Datasheet HTML 10Page - Micrel Semiconductor MICRF008 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Micrel, Inc.
MICRF008
August 2008
7
M9999-080108
proportional to REFOSC frequency. The nominal value
of RSC given in the “Electrical Characteristics ” Table is
220kΩ for a REFOSC frequency of 3.36MHz. Slicing
level time constant value vary depending on data
pattern, data rate and data duty cycle.
Automatic Gain Control (AGC)
The signal path has automatic gain control (AGC) to
increase the overall receiver dynamic range. An external
capacitor, CAGC, must be connected to the CAGC pin of
the device. Normally the CAGC capacitor is connected
to ground. If faster start-up times are required when the
receiver is first poweredon, the CAGC capacitor may be
connected to VDD. The ratio of decay-to-attack time
constant is fixed at 10:1 (that is, the attack time constant
is 1/10th of the decay time constant), and the user
cannot change this ratio. Nevertheless, the attack time
constant is set externally by choosing a value for CAGC.
Another function of the AGC control voltage is to raise
the noise floor in order to guarantee a clean signal
between the preamble and the data, sometimes called
dead time. The AGC control voltage can be further
manipulated and amplified to create an RSSI signal,
which is useful for several different applications.
Reference Oscillator
All timing and tuning operations on the MICRF008YM
are derived from the internal Colpitts reference oscillator.
The reference frequency can be implemented in two
ways, by using a resonator device (a ceramic resonator
or crystal), or by driving an external signal, which should
not exceed 0.5VRMS. The reference frequency is
obtained by dividing the RF carrier frequency by 129.
I/O Pin Interface Circuitry
Interface circuitry for the various I/O pins of the
MICRF008 is shown in Figures 2 through 6. Specific
information regarding each of these circuits is discussed
in the following subparagraphs. Not shown are ESD
protection diodes which are applied to all input pins.
CTH Pin
Figure 2 illustrates the CTH pin interface circuit. CTH pin
is driven from a P-Channel MOSFET source-follower
biased with approximately 20μA of bias current.
Transmission gates TG1 and TG2 isolate the 3.3pF
capacitor. Internal control signals PHI1/PHI2 are related
in a manner such that the impedance across the
transmission gates looks like a “resistance.” The DC
potential on the CTH pin is approximately 2.2V,
fundamentally determined by the VGS of the two
PChannel MOSFET source-followers shown.
3.3pF
PHI2B
TG1
TG2
PHI1B
PHI1
PHI2
CTH
DC-coupled
Switched
Cap. Filter
VDDBB
VSSBB
VSSBB
20µA
VDDBB
VSSBB
20µA
Demod
Signal
(0Vdc)
Figure 2. CTH Pin
CAGC Pin
Figure 3 illustrates the CAGC pin interface circuit. The
AGC control voltage is developed as an integrated
current into a capacitor CAGC. The attack current is
nominally 15μA, while the decay current is a 1/10th
scaling of this, approximately 1.5μA. Signal gain of the
RF/IF strip inside the IC diminishes as the voltage on
CAGC decreases. By simply adding a capacitor to
CAGC pin, the attack/decay time constant ratio is fixed
at 1:10.
VDDBB
VSSBB
Compa-
rator
1.5µA
15µA
CAGC
Figure 3. CAGC Pin
DO Pin
The output stage for the Data Comparator (DO pin) is
shown in Figure 4. The output is a 10μA push-10μA pull,
switched current stage. Such an output stage is capable
of driving CMOS-type loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com