Electronic Components Datasheet Search
  English  ▼

X  

MICRF008 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF008
Description  QwikRadio Sweep-Mode Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MICRF008 Datasheet HTML 2Page - Micrel Semiconductor MICRF008 Datasheet HTML 3Page - Micrel Semiconductor MICRF008 Datasheet HTML 4Page - Micrel Semiconductor MICRF008 Datasheet HTML 5Page - Micrel Semiconductor MICRF008 Datasheet HTML 6Page - Micrel Semiconductor MICRF008 Datasheet HTML 7Page - Micrel Semiconductor MICRF008 Datasheet HTML 8Page - Micrel Semiconductor MICRF008 Datasheet HTML 9Page - Micrel Semiconductor MICRF008 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micrel, Inc.
MICRF008
August 2008
6
M9999-080108
Functional Diagram
ANT
VCC
VSS
SEL0
REFOSC
Ceramic
Resonator
CAGC
RF
Amp
tRF
tIF
tLO
RBC
mboer
1MHz
Programmable
Low-Pass
Filter
Peak
Detector
Reference
Oscillator
Synthesizer
Control
Logic
IF
Amp
IF
Amp
CTH
DO
OOK Demodulator
UHF Downconverter
Switched-Cap
Resistor
Reference and Control
AGC
Control
Figure 1. MICRF008 Block Diagram
Functional Description
The entire block diagram illustrates the basic structure of
the MICRF008YM. It is made of three sub-blocks, which
are the UHF Downconverter, the OOK Demodulator, and
the Reference and Control. Also shown in the figure are
two capacitors (CTH, and CAGC) and the reference
frequency device, usually a ceramic resonator. With the
exception of a supply decoupling capacitor and the
matching network on the antenna pin, these are all the
external components needed with the MICRF008YM to
make a complete UHF receiver. There is one control
input, the SEL0 pin. The purpose is to set the
demodulator filter bandwidth of either 2.4kHz or 4.8kHz,
and is set high or low according to the minimum pulse
width in the demodulated signal. The input is CMOS
compatible, and is pulled-up internally in the IC.
Receiver Operation
The MICRF008YM is a superheterodyne receiver
working in sweep mode. It is capable of data rates up to
9.6kbaud NRZ or 4.8kbaud Manchester encoded. The
MICRF008YM RF center frequency is controlled by a
completely integrated PLL/VCO frequency synthesizer
with frequency set by a ceramic resonator. The actual
swept bandwidth is approximately 3% of the RF carrier
frequency. It makes an ideal part to work with LC-based
transmitters or other types of transmitters that are not
precise in nature and vary their frequency with time. In
sweep mode the LO frequency (local oscillator) is varied
in a rate much higher than the data signal, which results
in down-conversion of approximately 3% of the carrier
frequency present at the antenna pin. The low level RF
signal is amplified by the RF amp section and
downconverted by the mixer to the IF frequency which is
amplified and filtered internally in the device and further
amplified for the peak detector. The peak detector will
detect the IF and further filtering is accomplished in the
programmable low-pass filter. The detected/filtered
signal is compared with the DC value of the
demodulated signal in the data-slicer and a digital output
is provided from the DO pin
Data Slicing Level
Extraction of the DC value of the demodulated signal for
purposes of logic-level data slicing is accomplished by
an external capacitor CTH and the on-chip switched-
capacitor resistor RSC, indicated in the block diagram.
The effective resistance of RSC scales inversely



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com