Electronic Components Datasheet Search
  English  ▼

X  

MICRF221 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF221
Description  3.3V, QwikRadio 850 MHz to 950 MHz Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF221 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF221 Datasheet HTML 1Page - Micrel Semiconductor MICRF221 Datasheet HTML 2Page - Micrel Semiconductor MICRF221 Datasheet HTML 3Page - Micrel Semiconductor MICRF221 Datasheet HTML 4Page - Micrel Semiconductor MICRF221 Datasheet HTML 5Page - Micrel Semiconductor MICRF221 Datasheet HTML 6Page - Micrel Semiconductor MICRF221 Datasheet HTML 7Page - Micrel Semiconductor MICRF221 Datasheet HTML 8Page - Micrel Semiconductor MICRF221 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Micrel Inc.
MICRF221
October 2008
5
M9999-100108
(408) 955-1690
Electrical Characteristics (continued)
RSSI
Symbol
Parameter
Condition
Min
Typ
Max
Units
RSSI DC Output Voltage
Range
0.2 to 2.0
V
RSSI response slope
-109 dBm to -40 dBm
26
mV/dB
RSSI Output Impedance
220
Ω
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Device is ESD sensitive. Use appropriate ESD precautions. Exceeding the absolute maximum rating may damage the device.
4.
Sensitivity is defined as the average signal level measured at the input necessary to achieve 10-2 BER (bit error rate). The input signal is
defined as a return-to-zero (RZ) waveform with 50% average duty cycle (Manchester encoded).
5.
Spurious reverse isolation represents the spurious component which appears on the RF input pin (ANT), measured into 50Ohms with an
input RF matching network.
6.
When data burst does not contain preamble, duty cycle is defined as total duty cycle, including any “quiet” time between data bursts. When
data bursts contain preamble sufficient to charge the slice level on capacitor CTH, then duty cycle is the effective duty cycle of the burst
alone. [For example, 100msec burst with 50% duty cycle, and 100msec “quiet” time between bursts). If burst includes preamble, duty
cycle isTON/(TON + TOFF)= 50%; without preamble, duty cycle is TON/(TON + TOFF + TQUIET) = 50msec/200msec = 25%. TON is the number of 1’s
during the burst time × bit time TOFF = TBURST – TON.
7.
Auto-polling refers to power-cycling mode of operation where characteristics of the received signal are used to determine the likelihood of
an incoming data signal at the beginning of the Ton period. If there is no signal detected within a period programmable by the user, the
user can program the number of bits: 0,2,4,8 that must be good for device to wake up. The time will depend on the data rate. If two bad
bits are detected this will cause device to revert to SLEEP. If no bits are detected device will revert to SLEEP in 5ms, 10ms, or 20ms
depending on selected demodulator bandwidth. Otherwise, the device remains “On” until commanded into SLEEP by an external source
e.g., decoder or microprocessor. This technique minimizes the average Ton time. Refer to Serial Interface and Applications sub-sections
for further details.
8.
Average SLEEP mode current depends on the SLEEP time programmed and the SLEEP oscillator variation which is ~+/-20% independent
of ref osc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com