Electronic Components Datasheet Search
  English  ▼

X  

MICRF221 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF221
Description  3.3V, QwikRadio 850 MHz to 950 MHz Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF221 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF221 Datasheet HTML 8Page - Micrel Semiconductor MICRF221 Datasheet HTML 9Page - Micrel Semiconductor MICRF221 Datasheet HTML 10Page - Micrel Semiconductor MICRF221 Datasheet HTML 11Page - Micrel Semiconductor MICRF221 Datasheet HTML 12Page - Micrel Semiconductor MICRF221 Datasheet HTML 13Page - Micrel Semiconductor MICRF221 Datasheet HTML 14Page - Micrel Semiconductor MICRF221 Datasheet HTML 15Page - Micrel Semiconductor MICRF221 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Micrel Inc.
MICRF221
October 2008
12
M9999-100108
(408) 955-1690
Application Information
Figure 5 – QR221BPF Application Example, 915.0 MHz
The MICRF221 receiver can be fully tested by using
one of the many evaluation boards designed at Micrel
for this device. As an entry level, the QR221BPF
(Figure 5) offers a good start for most applications. It
has a connector for a whip antenna (ANT1), a band-
pass filter front end (L1 & C8) as a pre-selector filter,
and a matching network (C3 & L2). It also includes the
minimum components required to make the device
work, which are: a crystal, CAGC, and CTH capacitors.
An RF connector (J2) can be used instead of the whip
antenna when tests require an RF signal generator.
Figure 5 shows the entire schematic for 915.0MHz.
Other frequencies can be used. The values needed
for the various components are listed in the tables
below.
L1 and C8 form the pass-band filter front end. Its
purpose is to attenuate undesired outside band noise
which reduces the receiver performance. It is
calculated by the parallel resonance equation
f = 1/(2×PI×(SQRT L1×C8))
Table 2 shows the most used frequency values.
Freq (MHz)
C8 (pF)
L1(nH)
868.35
2.7
12
915.0
2.7
11
916.5
2.7
11
Table 2. Band-Pass-Filter Front-End Values
There is no need for the band-pass filter front end in
applications where it is proven that the outside band
noise does not cause a problem. The MICRF221
receiver incorporates image reject mixers that improve
the selectivity and rejection of outside band noise
significantly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com