Electronic Components Datasheet Search
  English  ▼

X  

MICRF221 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MICRF221
Description  3.3V, QwikRadio 850 MHz to 950 MHz Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF221 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MICRF221 Datasheet HTML 3Page - Micrel Semiconductor MICRF221 Datasheet HTML 4Page - Micrel Semiconductor MICRF221 Datasheet HTML 5Page - Micrel Semiconductor MICRF221 Datasheet HTML 6Page - Micrel Semiconductor MICRF221 Datasheet HTML 7Page - Micrel Semiconductor MICRF221 Datasheet HTML 8Page - Micrel Semiconductor MICRF221 Datasheet HTML 9Page - Micrel Semiconductor MICRF221 Datasheet HTML 10Page - Micrel Semiconductor MICRF221 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Micrel Inc.
MICRF221
October 2008
7
M9999-100108
(408) 955-1690
Functional Diagram
SYNTHESIZER
CONTROL
LOGIC
IF AMP
LNA
MIXER
MIXER
CONTROL
LOGIC
CONTROL
LOGIC
CONTROL
LOGIC
-f
f
i
IMAGE
REJECT
FILTER
DESENSE
DETECTOR
OOK
DEMODULATOR
UHF
DOWNCOVERTER
REFERENCE
AND CONTROL
AUTOPOLL
PROGRAMMABLE
FILTER
BITCHECK
WAKE-UP
SQUELCH
SLEEP
TIMER
SLEEP
OSCILLATOR
REFERENCE
OSCILLATOR
AGC
CONTROL
RSSI
RSSI
DO
CAGC
CTH
SLICE
LEVEL
SLICER
DO
DO'
DO'
fLO
Figure 3. Simplified Block Diagram
Functional Description
The simplified block diagram, shown in Figure 3,
illustrates the basic structure of the MICRF221
receiver. It is made of four sub-blocks:
• UHF Down-converter
• OOK Demodulator
• Reference and Control logic
• Auto-poll circuitry.
Outside the device, the MICRF221 receiver requires
just three components to operate: two capacitors
(CTH, and CAGC) and the reference frequency device
(usually
a
quartz
crystal).
An
additional
five
components are used to improve performance: a
power supply decoupling capacitor, two components
for the matching network, and two components for the
pre-selector band-pass filter.
Receiver Operation
UHF Downconverter
The UHF down-converter has six components: LNA,
mixers, synthesizer, image reject filter, band pass filter
and IF amp.
LNA
The RF input signal is AC-coupled into the gate circuit
of the grounded source LNA input stage. The LNA is a
Cascoded NMOS amplifier. The amplified RF signal is
then fed to the RF ports of two double balanced
mixers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com