Electronic Components Datasheet Search
  English  ▼

X  

MICRF221 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MICRF221
Description  3.3V, QwikRadio 850 MHz to 950 MHz Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF221 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MICRF221 Datasheet HTML 6Page - Micrel Semiconductor MICRF221 Datasheet HTML 7Page - Micrel Semiconductor MICRF221 Datasheet HTML 8Page - Micrel Semiconductor MICRF221 Datasheet HTML 9Page - Micrel Semiconductor MICRF221 Datasheet HTML 10Page - Micrel Semiconductor MICRF221 Datasheet HTML 11Page - Micrel Semiconductor MICRF221 Datasheet HTML 12Page - Micrel Semiconductor MICRF221 Datasheet HTML 13Page - Micrel Semiconductor MICRF221 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Micrel Inc.
MICRF221
October 2008
10
M9999-100108
(408) 955-1690
Edge
Detector
DOUT
CLK
CLK
Data Edge Pulses
Good
Bit
Select 0, 2, 4, 8 Good
Bits Before Wakeup
D15 = 0 for Normal Operation
D15 = 1 for Auto Polled Operation
SQUELCH
Disables DO
SQUELCH Decode
Window
Counter
Decode
Bad Bits
WAKEUP
Timer (300µs)
WATCHDOG
Timer
Serial Control Register
Decode Good
Bit Count
>=7
Good
<=4
Good
Window
Decode
8 Stage
Shift Register
Auto Poll
CLK
SR
D7
D15
D8
CLK
D
SQ
QA1 Bad Bit
Returns to
SLEEP
R
Figure 4. MICRF221 Autopoll-Bitcheck-Block Diagram
Auto-Polling
The auto-poll block (Figure 4) contains a low power
oscillator to drive the sleep timer when the rest of the
device is powered down, plus circuits to check
whether the received bits are good. Auto-polling is
controlled by bit D15 in the serial register, in
conjunction with bits D12,13,14 to set the sleep timer
period.
Bits D7, D8, are used for control of the
bitchecking operation and bits D9, D10, D11 are used
to adjust the sensitivity of the bitcheck action.
For simple auto-polling without bitchecking, send a
serial command with bit 15 set high and bits D12,
D13, D14 set to the desired sleep time.
The device
will go to sleep for the programmed timer duration
then wake up to receive data if present. Device will
stay awake until serial bit D15 is set low then set high
again to enable a further sleep period. Sleep duty
cycle may be controlled by the timing of serial
commands.
For polling with bitchecking the serial register bits
D7and D8 need to be set for the number of bits to be
checked as good, before the receiver outputs data at
the DO pin.
The bitcheck window bits D9, D10, D11
must also be set to match the data period.
The
default shortest window time gives the least critical
bitcheck action. For better discrimination, the window
setting may be increased up towards the normal
minimum time expected between data edges. Note
that a window time set longer than this will result in all
bits being tested as bad and the device will remain in
sleep polling mode. Now when the serial command is
sent to set bit D15 high the device will go to sleep for
the timer period, then will start to receive and check
bits. The device will output data again at DO as soon
as the programmed number of good RTZ bits have
been received. If a bad bit is seen the device will
return to sleep mode and poll again for good data
after the timeout period. Both high and low periods
are checked for each RTZ bit. If data transitions are
not received the device will return to sleep after the
bitcheck watchdog timeout period unless bit D18 has
been sent, in which case the device will continue to
check bits until sufficient good bits enable the device
to wake up, or bad bits return the device to sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com