Electronic Components Datasheet Search
  English  ▼

X  

MICRF221 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF221
Description  3.3V, QwikRadio 850 MHz to 950 MHz Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF221 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF221 Datasheet HTML 4Page - Micrel Semiconductor MICRF221 Datasheet HTML 5Page - Micrel Semiconductor MICRF221 Datasheet HTML 6Page - Micrel Semiconductor MICRF221 Datasheet HTML 7Page - Micrel Semiconductor MICRF221 Datasheet HTML 8Page - Micrel Semiconductor MICRF221 Datasheet HTML 9Page - Micrel Semiconductor MICRF221 Datasheet HTML 10Page - Micrel Semiconductor MICRF221 Datasheet HTML 11Page - Micrel Semiconductor MICRF221 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Micrel Inc.
MICRF221
October 2008
8
M9999-100108
(408) 955-1690
Mixers and Synthesizer
The LO port of the mixers are driven by quadrature
local oscillators of the synthesizer block.
The
synthesizer block produces the local oscillator signal
on the low side of the desired RF signal with
suppression of the image frequency, at twice the IF
frequency below the wanted signal. The local
oscillator is set to 64 times the crystal reference
frequency by way of a phase locked loop synthesizer
with a fully integrated loop filter.
Image Reject Filter and Band-Pass Filter
The IF ports of the mixer produce quadrature down-
converted IF signals. The IF signal is filtered by the
image reject filter to remove image frequency
components and then follow up with a third order
band-pass filter.
The IF center frequency is
1.285MHz. The IF BW is 380kHz @ 915 MHz, and
the IF BW varies with RF operating frequency. The IF
BW can be calculated via direct scaling.
BW IF = BW IF@ 915MHz*(Operating Freq (MHz)/
915)
These filters are fully integrated inside the MICRF221.
After filtering, four active gain controlled amplifier
stages enhance the IF signal to proper level for
demodulation.
OOK Demodulator
The demodulator section is comprised of detector,
programmable low pass filter, slicer, AGC and
Desense.
Detector and Programmable Low-Pass Filter
The demodulation starts with the detector removing
the carrier from the IF signal. Post detection, the
signal
becomes
baseband
information.
The
programmable low-pass filter further enhances the
baseband information.
There are four settings for
programmable low-pass filter BW options: 1625Hz,
3250Hz, 6500Hz, 13000Hz. for 915MHz operation.
Low pass filter BW will vary with RF Operating
Frequency. Filter BW values can easily calculated by
direct scaling.
See equation below for filter BW
calculation:
BW Operating Freq = BW @ 915MHz*(Operating Freq
(MHz)/ 915)
It is very important to choose filter setting that fits best
for the intended data rate to minimize data distortion.
Demod BW is set at 13000Hz @ 915MHz as default
(assuming both SEL0 and SEL1 pins are floating).
The low pass filter can be hardware set by external
pins SEL0 and SEL1, or via serial programming
through register D3 and D4
D3
SEL0
D4
SEL1
Demod BW (@ 915MHz)
0
0
1625Hz
1
0
3250Hz
0
1
6500Hz
1
1
13000Hz
- default
Slicer and Slicing Level
The signal prior to the slicer is still AM. The data slicer
converts the AM signal into ones and zeros based
upon the threshold voltage built up in the CTH
capacitor. After the slicer, the signal is ASK or OOK
digital data.
The slicing threshold defaults at 50%. The slicing
threshold can be set via serial programming through
register D5 and D6.
D5
D6
Slicing Level
1
0
Slice Level 30%
0
1
Slice Level 40%
1
1
Slice Level 50%
- default
0
0
Slice Level 60%
AGC
AGC monitors the signal amplitude from the output of
the programmable low-pass filter. When the output
signal is less than 750mV thresh-hold, AGC increases
the gain of the mixer and the IF amplifier. When the
output signal is greater than 750mV, the AGC lowers
the gain of the mixer and the IF amplifier.
Desense
Desense is a function designed to reduce the
sensitivity of the MICRF221 receiver to a maximum of
45dB for training the MICRF221 receiver to recognize
an intended transmitter. Very often, a receiver needs
to learn how to recognize a particular transmitter. It is
important for the receiver not to learn the signal of a
stray transmitter near by. The simplest solution is to
turn down the receiver gain, so the receiver only
recognizes the transmitter at close range.
The desense function is accessible only through serial
programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com