Electronic Components Datasheet Search
  English  ▼

X  

PCA9922 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9922
Description  8-channel constant current LED driver with output error detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9922 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9922 Datasheet HTML 1Page - NXP Semiconductors PCA9922 Datasheet HTML 2Page - NXP Semiconductors PCA9922 Datasheet HTML 3Page - NXP Semiconductors PCA9922 Datasheet HTML 4Page - NXP Semiconductors PCA9922 Datasheet HTML 5Page - NXP Semiconductors PCA9922 Datasheet HTML 6Page - NXP Semiconductors PCA9922 Datasheet HTML 7Page - NXP Semiconductors PCA9922 Datasheet HTML 8Page - NXP Semiconductors PCA9922 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
PCA9922
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 6 April 2011
5 of 27
NXP Semiconductors
PCA9922
8-channel constant current LED driver with output error detection
6.2 Pin description
[1]
HVQFN20 package die supply ground is connected to both VSS pin and exposed center pad. VSS pin must
be connected to supply ground for proper device operation. For enhanced thermal, electrical, and board
level performance, the exposed pad needs to be soldered to the board using a corresponding thermal pad
on the board and for proper heat conduction through the board, thermal vias need to be incorporated in the
PCB in the thermal pad region.
Table 3.
Pin description
I = input; O = output.
Symbol
Pin
Type
Description
DIP16,
TSSOP16
HVQFN20
VSS
119[1]
power supply
supply ground
SDI
2
20
I
serial data in
CLK
3
1
I
serial data clock used to shift data on SDI
into the shift register
LE/DM1
4
2
I
latch enable with internal pull-down
resistor; active HIGH signal used to
capture data in the shift register to present
to the outputs
Detection Mode 1
LED0
5
3
O
constant current LED output driver 0
LED1
6
4
O
constant current LED output driver 1
LED2
7
5
O
constant current LED output driver 2
LED3
8
6
O
constant current LED output driver 3
LED4
9
10
O
constant current LED output driver 4
LED5
10
11
O
constant current LED output driver 5
LED6
11
12
O
constant current LED output driver 6
LED7
12
13
O
constant current LED output driver 7
OE/DM2
13
14
I
output enable with internal pull-up resistor;
active LOW signal used to allow data
captured in the latch to be presented to the
constant current outputs
Detection Mode 2
SDO
14
15
O
serial data output
R_EXT
15
16
analog input
external resistor input
VDD
16
17
power supply
supply voltage
n.c.
-
7, 8, 9, 18
-
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com