Electronic Components Datasheet Search
  English  ▼

X  

PCA9922 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9922
Description  8-channel constant current LED driver with output error detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9922 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9922 Datasheet HTML 3Page - NXP Semiconductors PCA9922 Datasheet HTML 4Page - NXP Semiconductors PCA9922 Datasheet HTML 5Page - NXP Semiconductors PCA9922 Datasheet HTML 6Page - NXP Semiconductors PCA9922 Datasheet HTML 7Page - NXP Semiconductors PCA9922 Datasheet HTML 8Page - NXP Semiconductors PCA9922 Datasheet HTML 9Page - NXP Semiconductors PCA9922 Datasheet HTML 10Page - NXP Semiconductors PCA9922 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
PCA9922
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 6 April 2011
7 of 27
NXP Semiconductors
PCA9922
8-channel constant current LED driver with output error detection
7.2 LED output error detection
The PCA9922 has built-in circuitry for detecting LED open-circuit and output short
conditions. A predefined set of signal sequence on the input control lines must be initiated
to perform the output error detection. Once the error data is captured by this sequence,
error status can be read out of the device via the serial interface.
The error detection mode is entered by the user via specific timing sequences presented
on the CLK, OE and LE pins. There are three key sequences to be generated by the user:
enter error detect, capture faults, and exit error detect. It is the responsibility of the user to
enable all outputs that the user wants to test during the error detect sequence.
Performing an error mode detection sequence consists of several operations:
1. Entering error detect mode.
2. Setting all bits that you want to test by enabling all outputs to logical 1s in the output
latch.
3. Capture fault data.
4. Exit error detect.
7.2.1 Open-circuit detection principle
The LED open-circuit detection compares the effective current level IO with the open load
detection threshold current Ith(det). If IO is below Ith(det), the PCA9922 detects an open-load
condition. This error status can be read as an error status code in the error detect mode.
For open-circuit error detection, a channel must be on.
For each LEDn 0 is on, 1 is off.
Fig 5.
Normal function timing diagram
CLK
SDI
LE
OE
LED0
LED1
LED2
LED3
LED4
LED5
LED6
LED7
002aad203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com