Electronic Components Datasheet Search
  English  ▼

X  

PCA9922 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9922
Description  8-channel constant current LED driver with output error detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9922 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9922 Datasheet HTML 9Page - NXP Semiconductors PCA9922 Datasheet HTML 10Page - NXP Semiconductors PCA9922 Datasheet HTML 11Page - NXP Semiconductors PCA9922 Datasheet HTML 12Page - NXP Semiconductors PCA9922 Datasheet HTML 13Page - NXP Semiconductors PCA9922 Datasheet HTML 14Page - NXP Semiconductors PCA9922 Datasheet HTML 15Page - NXP Semiconductors PCA9922 Datasheet HTML 16Page - NXP Semiconductors PCA9922 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
PCA9922
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 6 April 2011
13 of 27
NXP Semiconductors
PCA9922
8-channel constant current LED driver with output error detection
9.
Limiting values
10. Recommended operating conditions
11. Thermal characteristics
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.0
V
VO(LED)
LED output voltage
pins LED0 to LED7
−0.5
+6.0
V
VO(SDO)
output voltage on pin SDO
−0.5
+6.0
V
VI
input voltage
−0.4
VDD +0.4
V
ISS
ground supply current
-
485
mA
IO(LEDn)
output current on pin LEDn
-
60
mA
fclk
clock frequency
operating
-
25
MHz
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−40
+125
°C
Ptot
total power dissipation
Tamb = 25 °C
DIP16
-
1.12
W
TSSOP16
-
0.625
W
HVQFN20
-
3.125
W
Table 7.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
3.3
5.5
V
VO(LED)
LED output voltage
pins LED0 to LED7
inactive
-
5.5
V
output active
-
2.2
V
IO(LEDn)
output current on pin LEDn
15
60
mA
VO(SDO)
output voltage on pin SDO
-
5.5
V
Ptot
total power dissipation
Tamb = 85 °C
DIP16
-
0.44
W
TSSOP16
-
0.25
W
HVQFN20
-
1.25
W
Toper
operating temperature
−40
+85
°C
Table 8.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
DIP16
89
°C/W
TSSOP16
160
°C/W
HVQFN20
32
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com