Electronic Components Datasheet Search
  English  ▼

X  

PCA9922 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9922
Description  8-channel constant current LED driver with output error detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9922 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9922 Datasheet HTML 8Page - NXP Semiconductors PCA9922 Datasheet HTML 9Page - NXP Semiconductors PCA9922 Datasheet HTML 10Page - NXP Semiconductors PCA9922 Datasheet HTML 11Page - NXP Semiconductors PCA9922 Datasheet HTML 12Page - NXP Semiconductors PCA9922 Datasheet HTML 13Page - NXP Semiconductors PCA9922 Datasheet HTML 14Page - NXP Semiconductors PCA9922 Datasheet HTML 15Page - NXP Semiconductors PCA9922 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
PCA9922
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 6 April 2011
12 of 27
NXP Semiconductors
PCA9922
8-channel constant current LED driver with output error detection
8.
Application design-in information
Fig 10. Typical application
Fig 11. The PCA9922 in a typical multi-device architecture
CLK
LE
OE
002aad312
R_EXT
SDI
PCA9922
LED0
LED1
LED2
LED3
LED7
VDD
5 V
VSS
SDO
3.3 V to 5.5 V
to next stage
PWM
OR
BLANKING
INPUT
MICROCONTROLLER
C
10
μF
SDO from last stage
CLK
LE
OE
002aad504
R_EXT
SDI
PCA9922
LED0
LED7
VSS
SDO
CPU
scan
VDD
VO
VI
R
VLED = 3 V ∼ 4 V
+
VCE
−
CLK
LE
OE
R_EXT
SDI
PCA9922
LED0
LED7
VSS
SDO
VO
VI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com