Electronic Components Datasheet Search
  English  ▼

X  

PCA9922 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9922
Description  8-channel constant current LED driver with output error detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9922 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9922 Datasheet HTML 4Page - NXP Semiconductors PCA9922 Datasheet HTML 5Page - NXP Semiconductors PCA9922 Datasheet HTML 6Page - NXP Semiconductors PCA9922 Datasheet HTML 7Page - NXP Semiconductors PCA9922 Datasheet HTML 8Page - NXP Semiconductors PCA9922 Datasheet HTML 9Page - NXP Semiconductors PCA9922 Datasheet HTML 10Page - NXP Semiconductors PCA9922 Datasheet HTML 11Page - NXP Semiconductors PCA9922 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PCA9922
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 6 April 2011
8 of 27
NXP Semiconductors
PCA9922
8-channel constant current LED driver with output error detection
[1]
Ith(det) = 0.5 × IO (target) (typical).
7.2.2 Short-circuit detection principle
The LED short-circuit detection compares the effective voltage level (VO) with the
shorted-load detection threshold voltages Vth(det)sc and Vth(norm). If VO is above the
Vth(det)sc threshold, the PCA9922 detects a shorted-load condition. If VO is below the
Vth(norm) threshold, no error is detected or error bit is reset. This error status can be read
as an error status code in the Special mode. For short-circuit error detection, a channel
must be on.
7.2.3 Entering error detect mode
Entering the error detect mode consists of a 5-clock sequence involving CLK, OE and LE
as shown in Figure 6. The user must meet the set-up and hold times for OE and LE as
detailed inTable 10 to guarantee proper operation of the error detect circuitry. It should be
noted that the act of driving LE HIGH around the rising edge of clock 4 opens the latch in
the current control register block and data captured in the shift register at that point in time
is moved into the output control register. It should also be noted that the output logic was
enabled for a brief period of time while OE is LOW around the rising edge of clock 2. The
outputs LED[7:0] will glitch during this period.
Table 4.
Open-circuit detection
State of
output port
Condition of
output current
Error status code
Meaning
off
IO = 0 mA
0
detection not possible
on
IO <Ith(det)[1]
1
open circuit
IO ≥ Ith(det)[1]
channel n error status bit 0
normal
Table 5.
Shorted-load detection
State of
output port
Condition of
output voltage
Error status code
Meaning
off
IO = 0 mA
0
detection not possible
on
VO ≥ Vth(det)sc
1
short circuit
VO <Vth(norm)
channel n error status bit 0
normal
Fig 6.
Timing for ‘Enter Error Detect Mode’ command
CLK
LE
OE
002aad204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com